Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HTOP01 Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # HTOP01
Description  High Temperature Dual Precision Operational Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HTOP01 Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  HTOP01 Datasheet HTML 1Page - Honeywell Solid State Electronics Center HTOP01 Datasheet HTML 2Page - Honeywell Solid State Electronics Center HTOP01 Datasheet HTML 3Page - Honeywell Solid State Electronics Center HTOP01 Datasheet HTML 4Page - Honeywell Solid State Electronics Center HTOP01 Datasheet HTML 5Page - Honeywell Solid State Electronics Center HTOP01 Datasheet HTML 6Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
HTOP01
www.honeywell.com
3
RECOMMENDED OPERATING CONDITIONS (1)
Symbol
Parameter
Description
Units
Min
Typ
Max
VDD
Supply Voltage
4.5
5.0
5.5
Volts
TC
External Package Temperature
-55
25
225
°C
Temp Op
Operating Temperature
-55
225
°C
VPIN
Voltage on Any Pin
-0.3
VDD+0.3
Volts
(1) Voltages referenced to Vss.
ELECTRICAL CHARACTERISTICS
VDD=5V, VSS =0V unless otherwise noted. Values apply over the full –55 C to 225 C ambient temperature range except
where denoted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
SEL=0 (Internal Clock)
See Note 6
100
V
VOS
Average Input Offset
Voltage Drift
0.2
V/ C
IB
Input Bias Current
TA = 25 C
TA = -55 C to +225 C
See Note 1
10
50
150
pA
nA
IOS
Input Offset Current
TA = 25 C
TA = -55 C to +225 C
See Note 1
10
1
pA
nA
en
Input Noise Voltage
R
S=100Ω, 0.1Hz – 10Hz
(internal clock)
25 C
(internal clock) 225 C
(External clock at 30KHz)
25 C
5.7
4.6
1.4
μV pk-pk
μV pk-pk
IR
Input Range
VSS
VDD -
2.0
Volts
CMRR
Common Mode Rejection
Ratio
VCM = 0V to VDD – 2.0V
(Measured at DC)
100
dB
PSRR
Power Supply Rejection
Ratio
VSS = 0,
4.75V
VDD
5.25V
(Measured at DC)
90
dB
AVOL
Large Signal Voltage Gain
RL = 10k
(Measured at DC)
100
dB
GBWP
Gain-Bandwidth Product
RL = 10k , CL = 20pF
2.0
MHz
SR
Slew Rate
RL = 10k
1.5
V/ s
Overload Recovery Time
RL = 10k
CL = 20pf
Positive
Negative
140
35
s
IO
Output Current
Output swings (VDD-0.3V) –
(VSS+0.3V) See Note 2
20
mA
IOSC
Output Short-Circuit
Current
Output shorted to VDD, VSS
See Note 4
50
mA
fCLK
Clock Frequency
Internally generated clock. See
Note 5
2 - 4
kHz
VDD - VSS
Operating Supply Range
4.75
5.25
Volts
ISUP
Supply Current, Total
Package
See Note 3
5.0
mA
VIH
Digital Input High Voltage
Applies to XCLK, SEL, SHDN pins
VDD –
0.3
VDD +
0.1
Volts



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com