Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HTOP01 Datasheet(PDF) 5 Page - Honeywell Solid State Electronics Center

Part # HTOP01
Description  High Temperature Dual Precision Operational Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HTOP01 Datasheet(HTML) 5 Page - Honeywell Solid State Electronics Center

  HTOP01 Datasheet HTML 1Page - Honeywell Solid State Electronics Center HTOP01 Datasheet HTML 2Page - Honeywell Solid State Electronics Center HTOP01 Datasheet HTML 3Page - Honeywell Solid State Electronics Center HTOP01 Datasheet HTML 4Page - Honeywell Solid State Electronics Center HTOP01 Datasheet HTML 5Page - Honeywell Solid State Electronics Center HTOP01 Datasheet HTML 6Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
HTOP01
www.honeywell.com
5
TYPICAL PERFORMANCE PLOTS
Noise Voltage Density vs. Frequency
(25
OC)
0
100
200
300
400
500
600
700
800
1 Hz
10 Hz
100 Hz
1000 Hz
10000 Hz
Frequency (Hz)
No clock
Internal Clock
Ext. Clk @ 1KHz
Ext. Clk @ 3KHz
Ext. Clk @ 10KHz
Ext. Clk @ 30KHz
Gain & Phase Margin vs. Temperature
70
74
78
82
86
90
-60
-10
40
90
140
190
240
Temperature (Degrees C)
4.00
4.40
4.80
5.20
5.60
6.00
6.40
6.80
Phase Margin
Gain Margin
Unity Gain Bandwith and Slew Rate vs. Temperature
0.00
0.50
1.00
1.50
2.00
2.50
3.00
-60
-10
40
90
140
190
240
Temperautre (Degrees C)
0.00
0.40
0.80
1.20
1.60
2.00
2.40
Bandwidth
Slew Rate



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com