Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACE7207D Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE7207D
Description  1uA Ultra-Low Quiescent Current, 0.6A Output Synchronous BUCK
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7207D Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE7207D Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7207D Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7207D Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7207D Datasheet HTML 4Page - ACE Technology Co., LTD. ACE7207D Datasheet HTML 5Page - ACE Technology Co., LTD. ACE7207D Datasheet HTML 6Page - ACE Technology Co., LTD. ACE7207D Datasheet HTML 7Page - ACE Technology Co., LTD. ACE7207D Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ACE7207D
1uA Ultra-Low Quiescent Current, 0.6A Output Synchronous BUCK
VER 1.1
2
Packaging Type
SOT-23-5
DFN2*2-6L
PIN NO
Description
Description
SOT-23-5
DFN2*2-6L
1
4
EN
Enable Pin. Pull high to enable, pull low to disable. A RC delay network at
EN pin is recommended to have chip enabled after Vin power up.
2
6, 7
GND
Ground
3
1
SW
Inductor Connection. Connect a 2.2uH inductor Between SW and the
regulator output.
4
5
VIN
Supply Voltage. Short to PIN. Bypass with a 10μF ceramic capacitor to
GND
5
3
FB
FB Voltage Pin. Connect an external resistor divider from the output to
FB and GND to set the output to a voltage between 1.13V and VIN
2
NC
Not Connected
Ordering information
ACE7207D XX+ H
Pb - free
BN:SOT-23-5
MN:DFN2*2-6L
Halogen - free



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com