Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACE7207D Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE7207D
Description  1uA Ultra-Low Quiescent Current, 0.6A Output Synchronous BUCK
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7207D Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE7207D Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7207D Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7207D Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7207D Datasheet HTML 4Page - ACE Technology Co., LTD. ACE7207D Datasheet HTML 5Page - ACE Technology Co., LTD. ACE7207D Datasheet HTML 6Page - ACE Technology Co., LTD. ACE7207D Datasheet HTML 7Page - ACE Technology Co., LTD. ACE7207D Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ACE7207D
1uA Ultra-Low Quiescent Current, 0.6A Output Synchronous BUCK
VER 1.1
3
Typical Application
Electrical Characteristics
Parameter
Conditions
Min
Typ
Max
Unit
Input Voltage Range
2.6
5.5
V
Input UVLO
Rising, Hysteresis=220mV
2.34
V
Input Supply Current
No Load, RFB_G =1Mohm
2.3
μA
Input Shutdown Current
0.1
μA
FB Voltage
1.107
1.13
1.153
V
Load Regulation
0.4
%A
Line Regulation
VIN =2.7 to 5.5V
0.14
%V
Switching Frequency
1.5
MHz
NMOS Switch On Resistance
ISW =200mA
200
mΩ
PMOS Switch On Resistance
ISW =200mA
300
mΩ
PMOS Switch Current Limit
1
A
SW Leakage Current
VOUT=5.5V,VSW=0 or
5.5V,EN= GND
10
μA
EN Input Current
EN= GND
1
μA
EN Input Low Voltage
0.4
V
EN Input High Voltage
1.0
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com