Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACE7207D Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE7207D
Description  1uA Ultra-Low Quiescent Current, 0.6A Output Synchronous BUCK
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7207D Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE7207D Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7207D Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7207D Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7207D Datasheet HTML 4Page - ACE Technology Co., LTD. ACE7207D Datasheet HTML 5Page - ACE Technology Co., LTD. ACE7207D Datasheet HTML 6Page - ACE Technology Co., LTD. ACE7207D Datasheet HTML 7Page - ACE Technology Co., LTD. ACE7207D Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ACE7207D
1uA Ultra-Low Quiescent Current, 0.6A Output Synchronous BUCK
VER 1.1
1
Description
The ACE7207D is a high-efficiency, DC-to-DC step-down switching regulator, capable of delivering up
to 0.6A of output current. It has an ultra-low quiescent current below 1uA when there is no load. Running
at a fixed frequency of 1.5MHz allows the use of small inductance value and low DCR inductors, thereby
achieving higher efficiencies. Other external components, such as ceramic input and output caps, can also
be small due to higher switching frequency, while maintaining exceptional low noise output voltages.
Internal soft-start control circuitry reduces inrush current. Short-circuit and thermal-overload protection
improves design reliability.
Features
Ultra low 1uA Iq, and 1-2uA at standby
Up to 96% Efficiency
Up to 600mA Max Output Current
1.5MHz Frequency
Light Load operation
Internal Compensation
Tiny Package
Application
Wearable
IOT
Energy Harvest
Battery powered devices
Absolute Maximum Ratings
Parameter
Value
IN, SW, OUT, EN Voltage
–0.3V to 6V
SW to ground current
Internally limited
Operating Temperature Range
–40°C to 85°C
Storage Temperature Range
–55°C to 150°C
Thermal Resistance
SOT-23-5
θJC
190°C /W
θJA
90°C /W
DFN2*2-6L
θJC
165°C /W
θJA
45°C /W
Lead Temperature (Soldering, 10ssec)
260°C
ESD HBM (Human Body Mode)
2KV
ESD MM (Machine Mode)
200V
Note: Exceed these limits to damage to the device. Exposure to absolute maximum rating conditions may affect device reliability.


Similar Part No. - ACE7207D

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7203B ACE-ACE7203B Datasheet
748Kb / 6P
P-Channel Enhancement Mode Power MOSFET
VER 1.1
ACE7203BPN+H ACE-ACE7203BPN+H Datasheet
748Kb / 6P
P-Channel Enhancement Mode Power MOSFET
VER 1.1
ACE7203D ACE-ACE7203D Datasheet
207Kb / 3P
800mA, 2V-6.5V Input,1.5MHz Synchronous Step-Down Converter
VER 1.1
More results

Similar Description - ACE7207D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61098 TI1-TPS61098 Datasheet
2Mb / 42P
Ultra-Low Quiescent Current Synchronous Boost
logo
Shenzhen Huazhimei Semi...
HM3406H HMSEMI-HM3406H Datasheet
540Kb / 7P
Low Quiescent Current 1.5MHz, 700mA Synchronous Buck Regulator
logo
Dialog Semiconductor
DA9230 DIALOG-DA9230 Datasheet
1Mb / 47P
Ultra-Low Quiescent Current Buck
DA9231 DIALOG-DA9231 Datasheet
2Mb / 55P
Ultra-Low Quiescent Current Buck and LDO
DA9232 DIALOG-DA9232 Datasheet
1Mb / 50P
High Efficiency, Ultra-Low Quiescent Current and Ultra-Low Output Ripple Buck Regulator
DA9233 DIALOG-DA9233 Datasheet
895Kb / 49P
Integrated Ultra-Low Quiescent Current, Ultra-Low Output Ripple Buck Regulator with 100mA LDO
logo
Renesas Technology Corp
DA9230 RENESAS-DA9230 Datasheet
1Mb / 48P
Ultra-Low Quiescent Current Buck
25-Feb-2022
DA9231 RENESAS-DA9231 Datasheet
2Mb / 57P
Ultra-Low Quiescent Current Buck and LDO
25-Feb-2022
DA9232 RENESAS-DA9232 Datasheet
1Mb / 51P
High Efficiency, Ultra-Low Quiescent Current and Ultra- Low Output Ripple Buck Regulator
28-Feb-2022
DA9233 RENESAS-DA9233 Datasheet
999Kb / 50P
Integrated Ultra-Low Quiescent Current, Ultra-Low Output Ripple Buck Regulator with 100mA LDO
22-Jan-2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com