Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MSC1201 Datasheet(PDF) 3 Page - OKI electronic componets

Part # MSC1201
Description  60-Bit VFD Tube Driver with Digital Dimming and PWM Conversion Function
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC1201 Datasheet(HTML) 3 Page - OKI electronic componets

  MSC1201 Datasheet HTML 1Page - OKI electronic componets MSC1201 Datasheet HTML 2Page - OKI electronic componets MSC1201 Datasheet HTML 3Page - OKI electronic componets MSC1201 Datasheet HTML 4Page - OKI electronic componets MSC1201 Datasheet HTML 5Page - OKI electronic componets MSC1201 Datasheet HTML 6Page - OKI electronic componets MSC1201 Datasheet HTML 7Page - OKI electronic componets MSC1201 Datasheet HTML 8Page - OKI electronic componets MSC1201 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
¡ Semiconductor
MSC1201-xx
3/20
INPUT AND OUTPUT CONFIGURATION
• Schematic Diagrams of Logic Portion Input
Circuit 1
• Schematic Diagrams of Logic Portion Input
Circuit 1
• Schematic Diagrams of Logic Portion Output
Circuit
• Schematic Diagrams of Driver Output Circuit
GND
VDD
GND
INPUT
(5V Reg.)
GND
(5V Reg.)
VDD
GND
INH
TEST1
GND
(5V Reg.)
GND
OUTPUT
(5V Reg.)
GND
VDD
GND
OUTPUT
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com