Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MSC1201 Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSC1201
Description  60-Bit VFD Tube Driver with Digital Dimming and PWM Conversion Function
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC1201 Datasheet(HTML) 1 Page - OKI electronic componets

  MSC1201 Datasheet HTML 1Page - OKI electronic componets MSC1201 Datasheet HTML 2Page - OKI electronic componets MSC1201 Datasheet HTML 3Page - OKI electronic componets MSC1201 Datasheet HTML 4Page - OKI electronic componets MSC1201 Datasheet HTML 5Page - OKI electronic componets MSC1201 Datasheet HTML 6Page - OKI electronic componets MSC1201 Datasheet HTML 7Page - OKI electronic componets MSC1201 Datasheet HTML 8Page - OKI electronic componets MSC1201 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
¡ Semiconductor
MSC1201-xx
1/20
¡ Semiconductor
MSC1201-xx
60-Bit VFD Tube Driver with Digital Dimming and PWM Conversion Function
GENERAL DESCRIPTION
The MSC1201-xx is a 1/2 duty vacuum fluorescent display tube driver implemented in Bi-CMOS
technology. This LSI consists of 64-bit shift registers, 64 latches, PWM conversion circuit, a digital
dimming circuit, 30-segment driver and 2-grid driver. As the MSC1201-xx has both a digital
dimming circuit and a PWM conversion circuit which converts PWM signal for lamp dimming
control to PWM signal for VFD tube dimming control, the dimming control can be realized
without any external circuit.
The interface with a MCU can be done only with 3 wires (CS, DATA and CLOCK signals). Also,
DATA and CLOCK signal lines can be shared with other peripherals because of chip select
function by CS signal.
For the general purpose code, the code number is -01. (Product name: MSC1201-01GS-2K)
For a custom code, the code number will be ordered at any time.
FEATURES
• Single supply voltage : VDD = 8 V to 18 V (built-in 5 V logic regurator)
• Operating temperature range : Ta = –40
°C to +85°C
• 30-segment driver outputs (IOH = –6 mA at VOH = VDD – 0.8 V)
• 2-grid pre-driver outputs (IOH = –30 mA at VOH = VDD – 0.8 V)
• Built-in digital dimming circuit (11-bit resolution)
• Built-in oscillation circuit (external R and C, fOSC = 2.0 MHz)
• Built-in Power-On-Reset circuit.
• Lamp PWM signal Æ Buil-in PWM conversion circuit for vacuum fluorescent display tube.
• Built-in RC Oscillation (external R and C)
• Correspondence between shift register and output segment is settable optionally using built
in mask programmable 30 ¥ 30 PLA.
• Package :
44-pin plastic QFP (QFP44–P–910-0.80–2K)(Product name: MSC1201-xxGS-2K)
xx indicates the code number
E2C0017-27-Y2
This version: Nov. 1997
Previous version: Jul. 1996


Similar Part No. - MSC1201

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
MSC1201 BURR-BROWN-MSC1201 Datasheet
684Kb / 78P
Precision, Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
logo
Texas Instruments
MSC1201 TI1-MSC1201 Datasheet
1Mb / 92P
Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
MSC1201 TI-MSC1201 Datasheet
1Mb / 92P
Precision Analog -to-Digital Converter
MSC1201 TI1-MSC1201 Datasheet
1Mb / 93P
MSC1200 and MSC1201: 24 Bits No Missing Codes 22 Bits Effective Resolution At 10Hz
logo
Burr-Brown (TI)
MSC1201Y2 BURR-BROWN-MSC1201Y2 Datasheet
684Kb / 78P
Precision, Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
More results

Similar Description - MSC1201

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC1205 OKI-MSC1205 Datasheet
130Kb / 15P
32-Bit Duplex Controller/Driver with Digital Dimming Function
MSC1208 OKI-MSC1208 Datasheet
111Kb / 14P
23-bit x 2 Duplex Controller/Driver with Digital Dimming and Keyscan Function
MSC1209 OKI-MSC1209 Datasheet
172Kb / 16P
42-Bit Vacuum Fluorescent Display Tube Driver with Digital Dimming Function
MSC1218 OKI-MSC1218 Datasheet
105Kb / 12P
63-Bit Triplex Controller/Driver with Digital Dimming Function
MSC1230 OKI-MSC1230 Datasheet
115Kb / 13P
111-Bit 2/3-Duty Controller/Driver with Digital Dimming Function
MSM9223 OKI-MSM9223 Datasheet
237Kb / 25P
27-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
ML9222 OKI-ML9222 Datasheet
241Kb / 25P
32-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
ML9226 OKI-ML9226 Datasheet
350Kb / 26P
32-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
ML9227 OKI-ML9227 Datasheet
342Kb / 26P
27-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Key scan
ML9228 OKI-ML9228 Datasheet
170Kb / 25P
82-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, Keyscan
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com