Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MSC1201 Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSC1201
Description  60-Bit VFD Tube Driver with Digital Dimming and PWM Conversion Function
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSC1201 Datasheet(HTML) 2 Page - OKI electronic componets

  MSC1201 Datasheet HTML 1Page - OKI electronic componets MSC1201 Datasheet HTML 2Page - OKI electronic componets MSC1201 Datasheet HTML 3Page - OKI electronic componets MSC1201 Datasheet HTML 4Page - OKI electronic componets MSC1201 Datasheet HTML 5Page - OKI electronic componets MSC1201 Datasheet HTML 6Page - OKI electronic componets MSC1201 Datasheet HTML 7Page - OKI electronic componets MSC1201 Datasheet HTML 8Page - OKI electronic componets MSC1201 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
¡ Semiconductor
MSC1201-xx
2/20
BLOCK DIAGRAM
SEG1
VDD
GND
TEST1
OSC0
OSC1
PWMIN
VK
CS
DATA
CLOCK
5 V
POR
SEG30
GRID1
GRID2
DATA OUT
INH
R
R
R
S3 S4
S2
R
S1
D
CK
RC
OSC
Timing Generator
Digital Dimming Circuit
Selector
64-Bit Shift Register
M3 M2 M1 M0
Latch
Multiplexer
30
¥ 30 PLA Matrix
30-Segment Driver
Control
Circuit
5 V Reg
&
POR Circuit
PWM Conversion Circuit
S1
S2 S3 S4
Mode Selector
S2
Test Mode
2-Grid Driver
D48-59
POR
POR
POR
POR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com