Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PAM2841 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # PAM2841
Description  1.5A SW CURRENT, 40V PRECISION WLED DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2841 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button PAM2841 Datasheet HTML 5Page - Diodes Incorporated PAM2841 Datasheet HTML 6Page - Diodes Incorporated PAM2841 Datasheet HTML 7Page - Diodes Incorporated PAM2841 Datasheet HTML 8Page - Diodes Incorporated PAM2841 Datasheet HTML 9Page - Diodes Incorporated PAM2841 Datasheet HTML 10Page - Diodes Incorporated PAM2841 Datasheet HTML 11Page - Diodes Incorporated PAM2841 Datasheet HTML 12Page - Diodes Incorporated PAM2841 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
PAM2841
Document number: DS36411 Rev. 2 - 2
9 of 15
www.diodes.com
October 2017
© Diodes Incorporated
PAM2841
Application Information
Inductor Selection
The selection of the inductor affects steady state operation as well as transient behavior and loop stability. These factors make it the most
important component in power regulator design. There are three important inductor specifications, inductor value, DC resistance and saturation
current. Considering inductor value alone is not enough.
The inductor value determines the inductor ripple current. Choose an inductor that can handle the necessary peak current without saturation, the
inductor DC current given by:
IIN_DC = VOUT*IOUT/(VIN*
) = efficiency.
Inductor values can have ±20% tolerance with no current bias. When the inductor current approaches saturation level, its inductance can
decrease 20% to 35% from the 0A value depending on how the inductor vendor defines saturation current. Using an inductor with a smaller
inductance value causes discontinuous PWM when the inductor current ramps down to zero before the end of each switching cycle. This reduces
the boost converter's maximum output current, causes large input voltage ripple and reduces efficiency. Large inductance value provides much
more output current and higher conversion efficiency. For these reasons, an inductor within 4.7µH to 22µH value range is recommended.
Schottky Diode Selection
The high switching frequency of the PAM2841 demands a high-speed rectification for optimum efficiency. Ensure that the diode average and peak
current rating exceeds the average output current and peak inductor current. In addition, the diode's reverse breakdown voltage must exceed the
open protection voltage.
Input and Output Capacitor Selection
Input Capacitor
At least a 1µF input capacitor is recommended to reduce the input ripple and switching noise for normal operating conditions. Larger value and
lower ESR (Equivalent Series Resistance) may be needed if the application require very low input ripple. It follows that ceramic capacitors are a
good choice for applications. Note that the input capacitor should be located as close as possible to the device.
Output Capacitor
The output capacitor is mainly selected to meet the requirement for the output ripple and loop stability. This ripple voltage is related to the
capacitor's capacitance and its equivalent series resistance (ESR). A output capacitor of 1
μF minimum is recommended and maybe need a larger
capacitor. The total output voltage ripple has two components: the capacitive ripple caused by the charging and discharging on the output
capacitor, and the ohmic ripple due to the capacitor's equivalent series resistance (ESR):
VRIPPLE = VRIPPLE(C) + VRIPPLE(ESR)
VRIPPLE(C)
≈ ½*(L/COUT*((VOUT(MAX) – VIN(MIN))))*(I2PEAK – I2OUT)
VRIPPLE(ESR) = IPEAK*RESR(COUT)
Where IPEAK is the peak inductor current.
Multilayer ceramic capacitors are an excellent choice as they have extremely low ESR and are available in small footprints. Capacitance and ESR
variation with temperature should be considered for best performance in applications with wide operating temperature ranges.
Dimming Control
There are 4 different types of dimming control methods:
1.
Using an External PWM Signal to ENA Pin
With the PWM signal applied to the ENA pin, the PAM2841 is alternately turned on or off by the PWM signal. The LEDs operate at either zero or
full current. The average LED current changes proportionally with the duty cycle of the PWM signal. A 0% duty cycle turns off the PAM2841 and
leads to zero LED current. A 100% duty cycle generates full current. Also the recommend dimming frequency is between 100Hz and 200Hz.
IAVE = ISTATE * (tON
– tSTARTUP)/(tON +tOFF)
Where tON: on time of a period
tSTARTUP: 0.85ms
tOFF: off time of a period
ISTATE: on state current (full current)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com