Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PAM2841 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # PAM2841
Description  1.5A SW CURRENT, 40V PRECISION WLED DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2841 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button PAM2841 Datasheet HTML 6Page - Diodes Incorporated PAM2841 Datasheet HTML 7Page - Diodes Incorporated PAM2841 Datasheet HTML 8Page - Diodes Incorporated PAM2841 Datasheet HTML 9Page - Diodes Incorporated PAM2841 Datasheet HTML 10Page - Diodes Incorporated PAM2841 Datasheet HTML 11Page - Diodes Incorporated PAM2841 Datasheet HTML 12Page - Diodes Incorporated PAM2841 Datasheet HTML 13Page - Diodes Incorporated PAM2841 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
PAM2841
Document number: DS36411 Rev. 2 - 2
10 of 15
www.diodes.com
October 2017
© Diodes Incorporated
PAM2841
Application Information (Cont.)
Figure 1
2.
Using an External PWM Signal to NMOS Gate
When PWM signal is at high level, N MOSFET turned on, then pull Comp pin down, then the LED current should be zero. When PWM signal is at
low level, N MOSFET turned off. The circuit uses resistor R1 to set the on state current. The average LED current changes proportionally with the
duty cycle of the PWM signal. A 100% duty cycle turns off the PAM2841 and leads to zero LED current. A 0% duty cycle generates full current.
IAVE = ISTATE * (tON
– tSTARTUP)/(tON + tOFF)
Where tON: on time of a period
tSTARTUP: 0.08ms
tOFF: off time of a period
ISTATE: on state current (full current)
Also the recommend frequency is between 100 and 500Hz. Frequency<100Hz can naturally cause LEDs to blink visibly.
Figure 2
3.
Using a DC Voltage
For some applications, a simple and direct way to control brightness is using an external variable DC voltage to vary the voltage drop on feedback
resistor. This will make the PAM2841 adjust the output current to follow the change of feedback voltage. The circuit is shown in Figure 3. As the
DC voltage increases, the voltage drop on R4 increases and the voltage drop on R3 decreases. Thus, the LED current decreases. The selection
of R4 and R5 will make the current from the variable DC source much smaller than the LED current and much larger than the FB pin current. For
VCC range from 0V to 2V, the selection of resistors in Figure 3 gives dimming control of LED current from 0mA to 20mA.
22µH
L1
D1
C3
1µF
R1
910k
R2
27k
R3
C2
1µF
C4
10nF
C1
10µF
PGND
VIN
ENA
Comp
SW
OVP
FB
GND
PWM
PAM2841
PGND
VIN
ENA
Comp
SW
OVP
FB
GND
PAM2841
VIN
VIN
ENA
PWM
L1
22µH
D1
C3
1µF
R1
910k
R2
27k
C1
10µF
C2
1µF
R3
C4
10nF
Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com