Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PAM2841 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PAM2841
Description  1.5A SW CURRENT, 40V PRECISION WLED DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2841 Datasheet(HTML) 1 Page - Diodes Incorporated

  PAM2841 Datasheet HTML 1Page - Diodes Incorporated PAM2841 Datasheet HTML 2Page - Diodes Incorporated PAM2841 Datasheet HTML 3Page - Diodes Incorporated PAM2841 Datasheet HTML 4Page - Diodes Incorporated PAM2841 Datasheet HTML 5Page - Diodes Incorporated PAM2841 Datasheet HTML 6Page - Diodes Incorporated PAM2841 Datasheet HTML 7Page - Diodes Incorporated PAM2841 Datasheet HTML 8Page - Diodes Incorporated PAM2841 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
PAM2841
Document number: DS36411 Rev. 2 - 2
1 of 15
www.diodes.com
October 2017
© Diodes Incorporated
PAM2841
1.5A SW CURRENT, 40V PRECISION WLED DRIVER
Description
The PAM2841 is a white LED driver, capable of driving 10 or more
WLEDs in series (depending on forward voltage of the LEDs) with a
range of input voltages from 2.7V to 5.5V.
The PAM2841 features over current protection, over voltage
protection, under voltage lockout and over temperature protection,
which prevent the device from damage.
LED dimming can be done by four methods as described in the
Application Information hereinafter.
Features
Capable of Driving 10 or More WLEDs
Chip Enable with Soft-Start
Analog and PWM Dimming
Peak Efficiency up to 90%
Low Quiescent Current
Fixed Frequency of 1MHz
Over Current Protection
Over Voltage Protection
Thermal Protection
UVLO
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Applications
WLED Driver System
Pin Assignments
(Top View)
MSOP-8
(Top View)
U-DFN2020-8 (Type A)
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green" products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Typical Applications Circuit
1
2
3
4
8
7
6
5
PGND
VIN
ENA
Comp
SW
OVP
FB
GND
1
2
3
4
8
7
6
5
PGND
VIN
ENA
Comp
SW
OVP
FB
GND


Similar Part No. - PAM2841

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM2841 PAM-PAM2841 Datasheet
736Kb / 14P
1.5ASW Current, 40V Precision WLED Driver
logo
Diodes Incorporated
PAM2841 DIODES-PAM2841 Datasheet
711Kb / 16P
1.5A SW CURRENT, 40V PRECISION WLED DRIVER
Rev 1
logo
Power Analog Micoelectr...
PAM2841GR PAM-PAM2841GR Datasheet
736Kb / 14P
1.5ASW Current, 40V Precision WLED Driver
logo
Diodes Incorporated
PAM2841GR DIODES-PAM2841GR Datasheet
711Kb / 16P
1.5A SW CURRENT, 40V PRECISION WLED DRIVER
Rev 1
logo
Power Analog Micoelectr...
PAM2841SR PAM-PAM2841SR Datasheet
736Kb / 14P
1.5ASW Current, 40V Precision WLED Driver
More results

Similar Description - PAM2841

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM2841 PAM-PAM2841 Datasheet
736Kb / 14P
1.5ASW Current, 40V Precision WLED Driver
logo
Eutech Microelectronics...
EUP2471 EUTECH-EUP2471 Datasheet
81Kb / 1P
1.5A Dual WLED Flash Driver with I2C Compatible Interface
logo
Texas Instruments
LM3639A TI-LM3639A Datasheet
518Kb / 28P
Single Chip 40V Backlight 1.5A Flash LED Driver
logo
Taiwan Semiconductor Co...
TS19453 TSC-TS19453 Datasheet
108Kb / 7P
AC/DC Programmable Current WLED Driver
logo
Texas Instruments
TPS61169 TI1-TPS61169 Datasheet
1Mb / 24P
High Current-Boost WLED Driver
logo
Diodes Incorporated
AL8860 DIODES-AL8860 Datasheet
1,018Kb / 17P
40V 1.5A BUCK LED DRIVER
Rev 1
PAM2841 DIODES-PAM2841 Datasheet
711Kb / 16P
1.5A SW CURRENT, 40V PRECISION WLED DRIVER
Rev 1
AL8860 DIODES-AL8860_18 Datasheet
569Kb / 17P
40V 1.5A BUCK LED DRIVER
Rev 4
AL8861 DIODES-AL8861 Datasheet
685Kb / 18P
40V 1.5A BUCK LED DRIVER
Rev 3
logo
Shenzhen Huazhimei Semi...
HM2805B HMSEMI-HM2805B Datasheet
1Mb / 16P
High efficiency constant current limit current WLED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com