Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

25PTS Datasheet(PDF) 3 Page - Nell Semiconductor Co., Ltd

Part # 25PTS
Description  Medium Power Thyristors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

25PTS Datasheet(HTML) 3 Page - Nell Semiconductor Co., Ltd

  25PTS Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 25PTS Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 25PTS Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 25PTS Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 25PTS Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 25PTS Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TRIGGERING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum peak gate power
PGM
8.0
Maximum average gate power
PG(AV)
2.0
W
Maximum peak positive gate current
IGM
1.5
A
Maximum peak negative gate voltage
-VGM
10
V
90
60
DC gate current required to trigger
IGT
Maximum required gate trigger
current/voltage are the lowest
value which will trigger all units
6 V anode to cathode applied
35
mA
3.0
1.5
DC gate voltage required to trigger
VGT
1.0
V
DC gate current not to trigger
IGD
2.0
mA
DC gate voltage not to trigger
VGD
0.2
V
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
T = T maximum
J
J
T = T maximum
J
J
T = T maximum
J
J
T = -65°C
J
T = 25°C
J
T = 125°C
J
T = -65°C
J
T = 25°C
J
T =125°C
J
T = T maximum, V
= Rated value
J
J
DRM
Maximum gate current/voltage
not to trigger is the maximum
value which will not trigger any
unit with rated V
anode to
DRM
cathode applied
V
= Rated value
DRM
T = T maximum,
J
J
THERMAL AND MECHANICAL SPECIFCATIONS
PARAMETER
SYMBOL
UNITS
TEST CONDITIONS
VALUES
Maximum junction operating
and storage temperature range
- 65 to125
ºC
0.35
K/W
Maximum thermal resistace,
junction to case
Maximum thermal resistance
case to heatsink
0.75
(30)
(20)
11.5
0.41
(lbf · in)
N · m
Allowable mounting torque
Approximate weight
Case style
TO-208AA (TO-48)
T ,JTstg
RthJC
RthCS
(lbf · in)
N · m
g
oz.
Not-lubricated threads
Lubricated threads
Mounting surface, smooth, flat and greased
DC operation
See dimensions - link at the end of datasheet
3.4 +0
-10%
23
+0
-10%
ΔRthJC CONDUCTION
CONDUCTION ANGEL
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
UNITS
TEST CONDUCTIONS
K/W
180°
120°
90°
60°
30°
0.17
0.21
0.27
0.40
0.69
0.13
0.22
0.30
0.42
0.70
T = T maximum
J
J
• The table above shows the increment of thermal resistance R
when devices
thJC
Note
operate at different conduction angles than DC
25PTS Series
Page 3 of 6
www.nellsemi.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com