Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

25PTS Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # 25PTS
Description  Medium Power Thyristors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

25PTS Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  25PTS Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 25PTS Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 25PTS Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 25PTS Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 25PTS Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 25PTS Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
FORWARD CONDUCTION
PARAMETER
SYMBOL
UNITS
TEST CONDITIONS
VALUES
Maximum average forward current
at case temperature
IT(AV)
180° conduction, half sine wave
IT(RMS)
Maximum RMS forward current
25
A
85
ºC
40
Maximum peak, one-cycle
non-reptitive surge current
ITSM
t = 10ms
t = 8.3ms
t = 10ms
t
= 8.3ms
t = 10ms
t = 8.3ms
t = 10ms
t = 8.3ms
No voltage
reapplied
100%VRRM
reapplied
No voltage
reapplied
100%VRRM
reapplied
2
I t
Sinusoidal half wave,
initial T = T maximum
J
J
420
440
350
370
882
804
625
569
2
A s
A
A
8820
t = 0.1 to 10 ms, no voltage reapplied,
2
I √t
Maximum l²t for fusing
Maximum l²√t for fusing
2
A s
Low level value of threshold voltage
VT(TO)1
0.99
V
High level value of threshold voltage
VT(TO)2
Low level value of
on-state slope resistance
10.1
High level value of
on-state slope resistance
Maximum on-state voltage
Maximum holding current
130
mA
Latching current
200
rt1
rt2
VTM
lH
lL
T = T maximum
J
J
(16.7 % x πx l
< l <
),
T(AV)
π
x lT(AV)
T = T maximum
J
J
(l >
),
π
x lT(AV)
T = T maximum
J
J
(16.7 % x πx l
< l <
),
T(AV)
π
x lT(AV)
T = T maximum
J
J
(l >
),
π
x lT(AV)
T = T maximum
J
J
l = 79 A, T = 25°C
pk
J
T = 25 °C, anode supply 6 V, resistive load
J
1.40
5.7
1.70
Note
SWITCHING
Maximum rate of rise
of turned-on current
A/
µs
150
Typical turn-on time
0.9
µs
Typical reverse recovery time
4
Typical turn-off time
110
BLOCKING
Maximum critical rate of rise
of off-state voltage
dV/dt
V/µs
1000
T = T maximum, I
= I
, t > 200 µs, V = 100 V,
J
J
TM
T(AV) p
R
dI/dt = - 10 A/µs, dV/dt = 20 V/µs linear to 67 % V
,
DRM
gate bias 0 V to 100 V
T = T maximum,
J
I
= I
, t > 200 µs, dI/dt = - 10 A/µs
TM
T(AV) p
J
PARAMETER
SYMBOL
UNITS
TEST CONDITIONS
VALUES
T = 25 °C,
J
at rated V
/V
, T = 125 °C
DRM
RRM
J
T = T maximum, V
= 2/3 V
, t = 200
J
J
DM
DRM P
I = 0.3A, dI /dt = 0.3 A/us, T = 125 °C
G
G
J
µs
V
dl/dt
tgt
trr
tq
t = 10 µs up to 600 V, t = 30 µs up to 1600 V available on special request
q
q
PARAMETER
SYMBOL
UNITS
TEST CONDITIONS
VALUES
T = T maximum linear to 67 % rated V
, gate open
J
J
DRM
25PTS Series
Page 2 of 6
www.nellsemi.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com