Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

25PTS Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # 25PTS
Description  Medium Power Thyristors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

25PTS Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  25PTS Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 25PTS Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 25PTS Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 25PTS Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 25PTS Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 25PTS Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FEATURES
and exceptional stability at high temperature
High dI/dt and dV/dt capabilities
Standard package
TYPICAL APPLICATIONS
SEMICONDUCTOR
RoHS
RoHS
Page 1 of 6
Medium Power Thyristors
Nell High Power Products
Low thermal resistance
Metric threads version available
25PTS Series
(Stud Version), 25A
TO-208AA(TO-48)
PRODUCT SUMMARY
IT(AV)
25A
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
UNITS
V
V
/V
DRM
RRM
ITSM
IT(AV)
2
I t
tq
25
2
A s
A
A
ºC
TEST CONDITIONS
VALUES
IT(RMS)
TC
µS
A
85
40
420
440
882
804
600 to 1600
110
50 HZ
60 HZ
50 HZ
60 HZ
Typical
ELECTRICAL SPECIFICATIONS
VOLTAGE RATINGS
VOLTAGE
TYPE
NUMBER
CODE
VDRM
/VRRM,MAXIMUM
(1)
AND OFF-STATE VOLTAGE
V
VRSM,MAXIMUM
NON-REPETITIVE
(2)
PEAK VOLTAGE
V
IDRM
/IRRM,MAXIMUM
AT T = T
J
J MAXIMUM
mA
25PTS
12
16
06
08
600
800
1000
1200
700
900
1100
1300
10
(1) Units may be broken over non-repetitively in the off-state direction without damage, if dI/dt does not exceed 20 A/µs
Note
Improved glass passivation for high reliability
Available
RoHS*
COMPLIANT
Types up to 1600 V V
/
V
DRM
RRM
RoHS compliant
Designed and qualified for industrial and consumer level
Medium power switching
Phase control applications
Can be supplied to meet stringent military, aerospace and
other high reliability requirements
10
1600
1700
TJ
ºC
-65 to 125
(2) For voltage pulses with tp ≤ 5 ms
www.nellsemi.com


Similar Part No. - 25PTS

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
25PTS NELLSEMI-25PTS Datasheet
837Kb / 6P
Medium Power Thyristors
More results

Similar Description - 25PTS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
22RIA IRF-22RIA Datasheet
225Kb / 9P
MEDIUM POWER THYRISTORS
50RIA80 IRF-50RIA80 Datasheet
206Kb / 8P
MEDIUM POWER THYRISTORS
25RIA IRF-25RIA Datasheet
234Kb / 9P
MEDIUM POWER THYRISTORS
logo
New Jersey Semi-Conduct...
50RIA NJSEMI-50RIA Datasheet
326Kb / 4P
MEDIUM POWER THYRISTORS
logo
International Rectifier
50RIA160S90M IRF-50RIA160S90M Datasheet
231Kb / 9P
MEDIUM POWER THYRISTORS
logo
New Jersey Semi-Conduct...
50RIA NJSEMI-50RIA_13 Datasheet
134Kb / 4P
MEDIUM POWER THYRISTORS
logo
Nell Semiconductor Co.,...
50PT NELLSEMI-50PT_14 Datasheet
1Mb / 7P
Medium Power Thyristors
logo
International Rectifier
VS-22RIA120 IRF-VS-22RIA120 Datasheet
229Kb / 9P
MEDIUM POWER THYRISTORS
logo
Nell Semiconductor Co.,...
50PTS NELLSEMI-50PTS_17 Datasheet
714Kb / 7P
Medium Power Thyristors
logo
Inchange Semiconductor ...
MCR231A ISC-MCR231A Datasheet
226Kb / 2P
Medium Power Thyristors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com