Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP2701A Datasheet(PDF) 1 Page - Shenzhen Xinmao Microelectronics Co., Ltd.

Part # LP2701A
Description  Non-IsolatIon Control Drive
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANDP [Shenzhen Xinmao Microelectronics Co., Ltd.]
Direct Link  https://www.chip-hope.com/
Logo LANDP - Shenzhen Xinmao Microelectronics Co., Ltd.

LP2701A Datasheet(HTML) 1 Page - Shenzhen Xinmao Microelectronics Co., Ltd.

  LP2701A Datasheet HTML 1Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP2701A Datasheet HTML 2Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP2701A Datasheet HTML 3Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP2701A Datasheet HTML 4Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP2701A Datasheet HTML 5Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP2701A Datasheet HTML 6Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP2701A Datasheet HTML 7Page - Shenzhen Xinmao Microelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LP2701A
非隔离降压开关电源恒压控制驱动
LP2701A_CN_DS_Rev.1.4
www.chip-hope.com
SHENZHEN Chip Hope Micro-electronics LTD Confidential– Customer Use Only
概述
LP2701A 是一款高效率高精度的非隔离降压开关
电源恒压控制驱动芯片。适用于 85VAC~265VAC
全范围输入电压的非隔离 Buck 拓扑结构,尤其适
用于小家电、白色家电等电源的驱动。
LP2701A 内部集成 500V 功率开关,采用特有的恒
压控制模式,系统可以工作在电感电流断续模式和
电感电流连续模式。方案设计灵活,外围应用简单,
可以用更低的系统成本做更大的输出功率。
LP2701A 具有多重保护功能,包括 VBP 钳位电路、
VBP 欠压保护,输出短路保护,过热保护等功能,
可靠性强。
LP2701A 采用 SOT23-5 封装。
特点
特有的恒压控制
可稳定工作于DCM及CCM
特有的数字控制,无需环路补偿
集成500V功率管
集成高压供电
宽输入电压
输出短路保护
过温保护
VBP钳位、欠压保护
SOT23-5封装
应用
小家电、白色家电等开放式电源
替换阻容供电电源
LED驱动照明
典型应用
FB
D
S
BP
V+
VIN
V-
GND
图 1 LP2701A 典型应用图
V
I
图 2 LP2701A 典型 V-I 曲线


Similar Part No. - LP2701A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Xinmao Microel...
LP2702A LANDP-LP2702A Datasheet
706Kb / 7P
Non-IsolatIon Control Drive
LP2706A LANDP-LP2706A Datasheet
706Kb / 7P
Non-IsolatIon Control Drive
LP2707A LANDP-LP2707A Datasheet
554Kb / 7P
High efficiency AC / DC converter control chip
logo
Leshan Radio Company
LP2707DT2AG LRC-LP2707DT2AG Datasheet
739Kb / 5P
20V P-Channel Enhancement-Mode MOSFET
More results

Similar Description - LP2701A

ManufacturerPart #DatasheetDescription
logo
Linkage Goston Electron...
SM7302 LINKAGE-SM7302 Datasheet
2Mb / 7P
Non-IsolatIon Bucket Constant Flow Control Switch
SM7307 LINKAGE-SM7307 Datasheet
1Mb / 6P
Non-IsolatIon Bucket Constant Flow Control Switch
SM7316P LINKAGE-SM7316P Datasheet
1Mb / 8P
Non-IsolatIon Bucket Constant Flow Control Switch
SM73152P LINKAGE-SM73152P Datasheet
2Mb / 8P
Non-IsolatIon Bucket Constant Flow Control Switch
logo
Shenzhen Xinmao Microel...
LP2702A LANDP-LP2702A Datasheet
706Kb / 7P
Non-IsolatIon Control Drive
LP2706A LANDP-LP2706A Datasheet
706Kb / 7P
Non-IsolatIon Control Drive
LP2801CL LANDP-LP2801CL Datasheet
663Kb / 7P
Non-IsolatIon Control Drive
LP2821 LANDP-LP2821 Datasheet
809Kb / 8P
Non-IsolatIon Control Drive
LP2866 LANDP-LP2866 Datasheet
626Kb / 7P
Non-IsolatIon Control Drive
LP2868 LANDP-LP2868 Datasheet
628Kb / 7P
Non-IsolatIon Control Drive
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com