Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP2707A Datasheet(PDF) 1 Page - Shenzhen Xinmao Microelectronics Co., Ltd.

Part # LP2707A
Description  High efficiency AC / DC converter control chip
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANDP [Shenzhen Xinmao Microelectronics Co., Ltd.]
Direct Link  https://www.chip-hope.com/
Logo LANDP - Shenzhen Xinmao Microelectronics Co., Ltd.

LP2707A Datasheet(HTML) 1 Page - Shenzhen Xinmao Microelectronics Co., Ltd.

  LP2707A Datasheet HTML 1Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP2707A Datasheet HTML 2Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP2707A Datasheet HTML 3Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP2707A Datasheet HTML 4Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP2707A Datasheet HTML 5Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP2707A Datasheet HTML 6Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP2707A Datasheet HTML 7Page - Shenzhen Xinmao Microelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LP2707A
高效率 AC/DC 转换器控制芯片
LP2707A_CN_DS_Rev.1.7
www.chip-hope.com
SHENZHEN Chip Hope Micro-electronics LTD Confidential– Customer Use Only
概述
LP2707A 是一款专为高性价比 AC/DC 转换器设计
的芯片。
LP2707A 内部集成 650V 高压功率 MOSFET、振荡
器、高压开关电流源,电流限流及热关断电路。无
需启动电阻及外部供电电路;拥有自动重启、电流
限流、过温保护、欠压检测及频率抖动等功能。
LP2707A 采用开/关控制方式,可工作于 Buck、
Buckboost 及 Flyback 拓扑结构,提供灵活的设计方
案且实现更低的系统成本和更大的输出功率。
LP2707A 采用 SOP8 封装
特点
集成 650V 高压功率管,高可靠性
集成 JFET 供电、无需启动电阻与供电电路,
外围成本低
可稳定工作于 DCM 和 CCM 模式
内部数字电路、无需环路补偿
频率抖动降低 EMI 滤波成本
内部集成自动重启、电流限流、欠压检测
过温保护
SOP8 封装,满足更好的散热要求
应用
各类家电中的小功率电源控制板及面板显示
电源
其它辅助电源等
典型应用
FB
D
S
BP
V+
VIN
V-
图 1 LP2707A Buck 典型应用图


Similar Part No. - LP2707A

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LP2707DT2AG LRC-LP2707DT2AG Datasheet
739Kb / 5P
20V P-Channel Enhancement-Mode MOSFET
More results

Similar Description - LP2707A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1204T PHILIPS-TEA1204T Datasheet
109Kb / 20P
High efficiency DC/DC converter
1998 Mar 02
TEA1205AT PHILIPS-TEA1205AT Datasheet
107Kb / 16P
High efficiency DC/DC converter
1998 Mar 24
TEA1206T PHILIPS-TEA1206T Datasheet
78Kb / 16P
High efficiency DC/DC converter
1999 Sep 16
TEA1207T PHILIPS-TEA1207T Datasheet
77Kb / 16P
High efficiency DC/DC converter
1999 Oct 21
logo
Analog Intergrations Co...
AIC1562 AIC-AIC1562 Datasheet
256Kb / 7P
High-Efficiency, Bootstrapped DC/DC Converter
logo
Hi-Sincerity Mocroelect...
H1563P HSMC-H1563P Datasheet
73Kb / 8P
HIGH-EFFICIENCY DC/DC CONVERTER
logo
NXP Semiconductors
TEA1208T PHILIPS-TEA1208T Datasheet
88Kb / 20P
High efficiency DC/DC converter
2002 Nov 15
logo
Toshiba Semiconductor
TPC8022-H TOSHIBA-TPC8022-H Datasheet
331Kb / 7P
High-Efficiency DC/DC Converter Applications
TPC8212-H TOSHIBA-TPC8212-H Datasheet
446Kb / 7P
High-Efficiency DC/DC Converter Applications
logo
Unisonic Technologies
UTC3563 UTC-UTC3563_15 Datasheet
247Kb / 10P
HIGH-EFFICIENCY DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com