Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP3668 Datasheet(PDF) 5 Page - Shenzhen Xinmao Microelectronics Co., Ltd.

Part # LP3668
Description  BIcIrcular feedback control chip
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANDP [Shenzhen Xinmao Microelectronics Co., Ltd.]
Direct Link  https://www.chip-hope.com/
Logo LANDP - Shenzhen Xinmao Microelectronics Co., Ltd.

LP3668 Datasheet(HTML) 5 Page - Shenzhen Xinmao Microelectronics Co., Ltd.

  LP3668 Datasheet HTML 1Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3668 Datasheet HTML 2Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3668 Datasheet HTML 3Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3668 Datasheet HTML 4Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3668 Datasheet HTML 5Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3668 Datasheet HTML 6Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3668 Datasheet HTML 7Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3668 Datasheet HTML 8Page - Shenzhen Xinmao Microelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LP3668
双绕组原边反馈控制芯片
LP3668_CN_DS_Rev.0.96
www.chip-hope.com
SHENZHEN Chip Hope Micro-electronics LTD Confidential– Customer Use Only
ICESAT
C,E 饱和电流
IB=40mA
1.2
A
注 4:典型参数值为 25˚C 下测得的参数标准。
注 5:规格书的最小、最大规范范围由测试保证,典型值由设计、测试或统计分析保证。
内部结构框图
VCC
欠压保护
+
-
-
上电重置
4.3V
3 V
CS
+
-
电流检测
GND
恒压恒流控制
& 逻辑控制
Vcs_ref
C
FB
前沿消隐
退磁检测
恒流模式
1.2V
恒压模式
PWM+ PFM
EA
开路/短路保护
功率三极管
输出线补偿
VCC钳位
控制驱动
供电
图 4 LP3668 内部框图



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com