Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GPL32611B Datasheet(PDF) 16 Page - Generalplus Technology Inc.

Part # GPL32611B
Description  Multimedia Processor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPL32611B Datasheet(HTML) 16 Page - Generalplus Technology Inc.

Back Button GPL32611B Datasheet HTML 12Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 13Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 14Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 15Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 16Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 17Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 18Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 19Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 20Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
GPL32611B
© Generalplus Technology Inc.
Proprietary & Confidential
16
Oct. 02, 2018
Version: 1.3
6. ELECTRICAL SPECIFICATIONS
6.1. Absolute Maximum Rating
Rating
Symbol
Value
Unit
Supply Voltage 1
VDD33
-0.3 to 4.0
V
Supply Voltage 2
AVDD
3
-0.3 to 4.0
V
Supply Voltage 3
VDD12
V12_MIPI
-0.3 to 1.32
V
Supply Voltage 4
V33_RTC
-0.3 to 4.0
V
Input Voltage
VIN
-0.3 to 4.0
V
Operating Temperature
TA
-40~85
℃
6.2. DC Characteristics
Characteristic
Symbol
Limits
Unit
Condition
Min.
Typ.
Max.
Operating Voltage 1
VDD33
AVDD
3
3.0
3.0
3.3
3.6
V
-
Operating Voltage 2
VDD12
V12_MIPI
1.08
1.2
1.32
V
-
Operating Voltage 3
V33_RTC
4
1.3~1.6
-
3.6
V
-
Operating Current
IOP
-
120
-
mA
@96MHz, 3.3V, all clocks on
Operating current may vary by
different applications.
Power Down Current
IPD
-
2
-
mA
Sleep Mode@3.3V
Power Off Current
-
-
-
10
uA
Independent RTC module
power only@V33_RTC=3.0V
High Input Voltage
VIH
0.7DVDD33
-
DVDD33
V
-
Low Input Voltage
VIL
VSS
-
0.8
V
-
Crystal Frequency 1
-
-
32768
-
Hz
-
Crystal Frequency 2
FCRYSTAL
-
12.0
1
-
MHz
-
System Clock
FSYS
256Hz
2
48
96
MHz
-
Note1: 12M Crystal is needed when USB function or TV function is enabled.
Note2: By setting clock divider and changing system clock to 32768 mode.
Note3: AVDD includes V33_REG, V33_IO, AVDDRX, AVDDTX, V33_CLKGEN, V33_VDAC, V33_ADC, V33_DA16.
Note4: V33_RTC Min. operation voltage default 1.6V and can adjust by register setting.
6.3. Video DAC Characteristics
Characteristic
Limits
Unit
Condition
Min.
Typ.
Max.
Resolution
-
10
Bit
-
INL
±2
±1
-
LSB
-
DNL
±1
±0.5
-
LSB
-
Gain Error
4
2
-
LSB
-
Conversion Rate
-
16
-
ns
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com