Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GPL32611B Datasheet(PDF) 17 Page - Generalplus Technology Inc.

Part # GPL32611B
Description  Multimedia Processor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPL32611B Datasheet(HTML) 17 Page - Generalplus Technology Inc.

Back Button GPL32611B Datasheet HTML 13Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 14Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 15Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 16Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 17Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 18Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 19Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 20Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 21Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
GPL32611B
© Generalplus Technology Inc.
Proprietary & Confidential
17
Oct. 02, 2018
Version: 1.3
6.4. Audio DAC Characteristics
Characteristic
Limits
Unit
Condition
Min.
Typ.
Max.
Resolution
16
-
16
Bit
-
Full Scale Output Voltage
0.5*V33_DA
0.6*V33_DA
-
Vp-p
-
THD+N
-50db
-60dB
-
dB
-
Dynamic Range
75
90
-
dB
Fin=0.997KHz w/ -60dB
output loading=125 ohm
Output Loading
100
100-
-
ohm
6.5. ADC Characteristics
Characteristics
Symbol
Limits
Unit
Min.
Typ.
Max.
SAR ADC Input Voltage Range
V33_AD
2.7
-
3.6
V
Resolution of ADC
RESO
-
12
-
bits
Integral Non-Linearity of ADC
INL
±4
±2
-
LSB
Differential Non-Linearity of ADC
DNL
±2
±1
-
LSB
ENOB
9
9.4
-
bits
No Missing Code
10
11
-
bits
AD Conversion Rate=ADCCLK/16
FCONV
-
-
64K
Hz
6.6. Regulator Characteristics
Characteristics
Symbol
Limits
Unit
Min.
Typ.
Max.
Input Voltage
VREGI
2.3
3.3
3.6
V
Maximum Current Output
IREGO
-
150
250
mA
Output Voltage
VREGO
-
1.2
-
V
6.7. DC-DC Characteristics
Characteristics
Conditions
Symbol
Min.
Typ.
Max.
Unit
V33_IO Operating Current
PWM0,
PWM1
0.3
0.45
-
mA
V33_AD Operating Current
FB0, FB1,
VC1
0.1
0.15
-
mA
PWM0 Switching Frequency
fPWM0
-
600
-
kHz
PWM1 Switching Frequency
fPWM1
-
600
-
kHz
PWM0 Internal Reference Voltage
-
1.173
1.235
-
V
PWM1 Internal Reference Voltage
VSET[2:0]=000
-
94
99
-
mV
VSET[2:0]=001
-
94
99
-
mV
VSET[2:0]=010
-
141
148
-
mV
VSET[2:0]=011
-
188
198
-
mV
VSET[2:0]=100
-
235
247
-
mV
VSET[2:0]=101
-
281
296
-
mV
VSET[2:0]=110
-
329
346
-
mV
VSET[2:0]=111
-
375
395
-
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com