Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GPL32611B Datasheet(PDF) 20 Page - Generalplus Technology Inc.

Part # GPL32611B
Description  Multimedia Processor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPL32611B Datasheet(HTML) 20 Page - Generalplus Technology Inc.

Back Button GPL32611B Datasheet HTML 14Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 15Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 16Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 17Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 18Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 19Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 20Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 21Page - Generalplus Technology Inc. GPL32611B Datasheet HTML 22Page - Generalplus Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
GPL32611B
© Generalplus Technology Inc.
Proprietary & Confidential
20
Oct. 02, 2018
Version: 1.3
Symbol
Dimension In mm
Dimension in inch
Min
Nom
Max
Min
Nom
Max
b1
0.13
0.16
0.19
0.005
0.006
0.007
c
0.09
-
0.20
0.004
-
0.008
c1
0.09
-
0.16
0.004
-
0.006
D
15.85
16.00
16.15
0.624
0.630
0.636
D1
13.90
14.00
14.10
0.547
0.551
0.555
E
15.85
16.00
16.15
0.624
0.630
0.636
E1
13.90
14.00
14.10
0.547
0.551
0.555
□
e
0.40 BSC
0.016 BSC
L
0.45
0.60
0.75
0.018
0.024
0.030
L1
1.00 REF
0.039 REF
R1
0.08
-
-
0.003
-
-
R2
0.08
-
0.20
0.003
-
0.008
S
0.20
-
-
0.008
-
-
Θ
0°
3.5°
7°
0°
3.5°
7°
Θ
1
0°
-
-
0°
-
-
Θ
2
12° TYP
12° TYP
Θ
3
12° TYP
12° TYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com