Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP3710 Datasheet(PDF) 5 Page - Shenzhen Xinmao Microelectronics Co., Ltd.

Part # LP3710
Description  Proto-Feedback Multiple Modular PWM Control chip
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANDP [Shenzhen Xinmao Microelectronics Co., Ltd.]
Direct Link  https://www.chip-hope.com/
Logo LANDP - Shenzhen Xinmao Microelectronics Co., Ltd.

LP3710 Datasheet(HTML) 5 Page - Shenzhen Xinmao Microelectronics Co., Ltd.

  LP3710 Datasheet HTML 1Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3710 Datasheet HTML 2Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3710 Datasheet HTML 3Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3710 Datasheet HTML 4Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3710 Datasheet HTML 5Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3710 Datasheet HTML 6Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3710 Datasheet HTML 7Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3710 Datasheet HTML 8Page - Shenzhen Xinmao Microelectronics Co., Ltd. LP3710 Datasheet HTML 9Page - Shenzhen Xinmao Microelectronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
LP3710
原边反馈多模式 PWM 控制芯片
LP3710_CN_DS_Rev.1.0
www.chip-hope.com
SHENZHEN Chip Hope Micro-electronics LTD Confidential– Customer Use Only
FB UVP 重启防误动
作时间
8
ms
ILoad
最大带载调整补偿
电流
27
uA
IFB_short
FB 脚短路保护电流
27
uA
FB 短路防误动作周
期
4
cycle
误差放大器
Vref
参考电压
2.47
2.5
2.53
V
Gm
转移电导
100
μs
振动器
FCCM-Mean
CCM 频率
60
65
70
kHz
Fmax
最大钳位频率
Vcomp>VSG1
69
kHz
F_g
节能模式频率
25
kHz
Fmin
最小频率
0.4
kHz
抖频频率
CCM, Vcomp>VsG1
±6
%
±6
软启动时间(CS Pin)
软启动时间
8
ms
GATE 驱动输出(OUT
Pin)
VOL
输出低电压
VCC = 15V, Io = 10mA
0
1
V
VOH1
输出高电压
VCC = 15V, Out pin=1.5k
Ω to GND
8
V
VOH2
输出高电压
VCC=UVLO-OFF+0.2V
7
VCC
V
Rising
上升时间
load capacitance = 1000pF
430
ns
Falling
下降时间
load capacitance = 1000pF
75
ns
VOC1
GATE 钳位电压
VCC = 17V
13.5
V
TMAX_ON
最大导通时间
CCM Fs=70kHz
10.8
μs
过温保护
OTP
145
℃
迟滞
30
℃
保护模式
CCM 开关频率
FB UVP
VCC OVP
65kHz
Auto recovery
Auto recovery
注 4:典型参数值为 25˚C 下测得的参数标准。
注 5:规格书的最小、最大规范范围由测试保证,典型值由设计、测试或统计分析保证。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com