Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADC0803 Datasheet(PDF) 4 Page - Texas Instruments

Part # ADC0803
Description  8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH DIFFERENTIAL INPUTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC0803 Datasheet(HTML) 4 Page - Texas Instruments

  ADC0803 Datasheet HTML 1Page - Texas Instruments ADC0803 Datasheet HTML 2Page - Texas Instruments ADC0803 Datasheet HTML 3Page - Texas Instruments ADC0803 Datasheet HTML 4Page - Texas Instruments ADC0803 Datasheet HTML 5Page - Texas Instruments ADC0803 Datasheet HTML 6Page - Texas Instruments ADC0803 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ADC0803, ADC0805
8-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH DIFFERENTIAL INPUTS
SLAS034 – NOVEMBER 1983 – REVISED SEPTEMBER 1986
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended range of operating free-air temperature, VCC = 5 V,
fclock = 640 kHz, VREF/2 = 2.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High level output voltage
All outputs
VCC = 4.75 V,
IOH = – 360 µA
2.4
V
VOH
High-level output voltage
DB and INTR
VCC = 4.75 V,
IOH = – 10 µA
4.5
V
Data outputs
VCC = 4.75 V,
IOL = 1.6 mA
0.4
VOL
Low-level output voltage
INTR output
VCC = 4.75 V,
IOL = 1 mA
0.4
V
CLK OUT
VCC = 4.75 V,
IOL = 360 µA
0.4
VT+
Clock positive-going threshold voltage
2.7
3.1
3.5
V
VT–
Clock negative-going threshold voltage
1.5
1.8
2.1
V
VT+ –VT– Clock input hysteresis
0.6
1.3
2
V
IIH
High-level input current
0.005
1
µA
IIL
Low-level input current
– 0.005
–1
µA
IOZ
Off state output current
VO = 0
–3
µA
IOZ
Off-state output current
VO = 5 V
3
µA
IOHS
Short-current output current
Output high
VO = 0,
TA = 25°C
– 4.5
–6
mA
IOLS
Short-circuit output current
Output low
VO = 5 V,
TA = 25°C
9
16
mA
ICC
Supply current plus reference current
VREF/2 = open,
TA = 25°C,
CS = 5 V
1.1
1.8
mA
RREF/2
Input resistance to reference ladder
See Note 6
2.5
8
k
Ci
Input capacitance (control)
5
7.5
pF
Co
Output capacitance (DB)
5
7.5
pF
NOTE 6:
Resistance is calculated from the current drawn from a 5-V supply applied to ANLG GND and REF/2.
operating characteristics over recommended operating free-air temperature, VCC = 5 V,
VREF/2 = 2.5 V, fclock = 640 kHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Supply-voltage-variation error
VCC = 4.5 to 5.5 V,
See Note 7
+1/16
±1/8
LSB
Total adusted error
ADC0803
With full scale adjust
See Notes 7 and 8
±1/4
LSB
Total adusted error
ADC0803
With full-scale adjust,
See Notes 7 and 8
±1/2
LSB
Total unadjusted error
ADC0805
VREF/2 = 2.5 V,
See Notes 7 and 8
±1/2
LSB
Total unadjusted error
ADC0805
VREF/2 open,
See Notes 7 and 8
±1
LSB
DC common-mode error
See Notes 7 and 8
±1/16
±1/8
LSB
ten
Output enable time
TA = 25°C,
CL = 100 pF
135
200
ns
tdis
Output disable time
TA = 25°C, CL = 10 pF,
RL = 10 kΩ
125
200
ns
td(INTR) Delay time to reset INTR
TA = 25°C
300
450
nx
t
Conversion cycle time
fclock = 100 kHz to 1.46 MHz,
73
clock
tconv
Conversion cycle time
TA = 25°C,
See Note 9
73
cycles
CR
Free-running conversion rate
INTR connected to WR,
CS at 0 V
66
8770
conv/s
† All typical values are at TA = 25°C.
NOTES:
7. These parameters are specified over the recommended analog input voltage range.
8. All errors are measured with reference to an ideal straight line through the end-points of the analog-to-digital transfer characteristics.
9. Although internal conversion is completed in 64 clock periods, a CS or WR low-to-high transition is followed by 1 to 8 clock periods
before conversion starts. After conversion is complete, part of another clock period is required before a high-to-low transition of INTR
completes the cycle.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com