Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADC0803 Datasheet(PDF) 6 Page - Texas Instruments

Part # ADC0803
Description  8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH DIFFERENTIAL INPUTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC0803 Datasheet(HTML) 6 Page - Texas Instruments

  ADC0803 Datasheet HTML 1Page - Texas Instruments ADC0803 Datasheet HTML 2Page - Texas Instruments ADC0803 Datasheet HTML 3Page - Texas Instruments ADC0803 Datasheet HTML 4Page - Texas Instruments ADC0803 Datasheet HTML 5Page - Texas Instruments ADC0803 Datasheet HTML 6Page - Texas Instruments ADC0803 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ADC0803, ADC0805
8-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH DIFFERENTIAL INPUTS
SLAS034 – NOVEMBER 1983 – REVISED SEPTEMBER 1986
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
The ADC0803 and ADC0805 each contain a circuit equivalent to 256-resistor network. Analog switches are
sequenced by successive-approximation logic to match an analog differential input voltage (VI+ – VI–) to a
corresponding tap on the 256R network. The most significant bit (MSB) is tested first. After eight spelled out
comparisons (64 clock periods), an eight-bit binary code (1111 1111 = full scale) is transferred to an output latch and
the interrupt (INTR) output goes low. The device can be operated in a free-running mode by connecting the INTR
output to the write (WR) input and holding the conversion start (CS) input at a low level. To ensure start up under all
conditions, a low-level WR input is required during the power-up cycle. Taking CS low any time after that will interrupt
a conversion in process.
When WR goes low, the internal successive-approximation register (SAR) and 8-bit shift register are reset. As long
as both CS and WR remain low, the analog-to-digital converter remains in a reset state. One to eight clock periods
after CS or WR makes a low-to-high transition, conversion starts.
When CS and WR are low, the start flip-flop is set and the interrupt flip-flop and 8-bit register are reset. The next clock
pulse transfers a logic high to the output of the start flip-flop. The logic high is ANDed with the next clock pulse, placing
a logic high on the reset input of the start flip-flop. If either CS or WR have gone high, the set signal to the start flip-flop
is removed, causing it to be reset. A logic high is placed on the D input of the eight-bit shift register and the conversion
process is started. If CS and WR are still low, the start flip-flop, the 8-bit shift register, and the SAR remain reset.
This action allows for wide CS and WR inputs, with conversion starting from one to eight clock periods after one of
the inputs goes high.
When the logic high input has been clocked through the 8-bit shift register, which completes the SAR search, it is
applied to an AND gate controlling the output latches and to the D input of a flip-flop. On the next clock pulse, the digital
word is transferred to the 3-state output latches and the interrupt flip-flop is set. The output of the interrupt flip-flop
is inverted to provide an INTR output that is high during conversion and low when the conversion is complete.
When a low is at both CS and RD, an output is applied to the DB0 through DB7 outputs and the interrupt flip-flop is
reset. When either CS or RD return to a high state, the DB0 through DB7 outputs are disabled (returned to the
high-impedance state). The interrupt flip-flop remains reset.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com