Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADC0803 Datasheet(PDF) 1 Page - Texas Instruments

Part # ADC0803
Description  8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH DIFFERENTIAL INPUTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC0803 Datasheet(HTML) 1 Page - Texas Instruments

  ADC0803 Datasheet HTML 1Page - Texas Instruments ADC0803 Datasheet HTML 2Page - Texas Instruments ADC0803 Datasheet HTML 3Page - Texas Instruments ADC0803 Datasheet HTML 4Page - Texas Instruments ADC0803 Datasheet HTML 5Page - Texas Instruments ADC0803 Datasheet HTML 6Page - Texas Instruments ADC0803 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ADC0803, ADC0805
8-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH DIFFERENTIAL INPUTS
SLAS034 – NOVEMBER 1983 – REVISED SEPTEMBER 1986
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 8-Bit Resolution
D Ratiometric Conversion
D 100-µs Conversion Time
D 135-ns Access Time
D Guaranteed Monotonicity
D High Reference Ladder Impedance
8 k
Ω Typical
D No Zero Adjust Requirement
D On-Chip Clock Generator
D Single 5-V Power Supply
D Operates With Microprocessor or as
Stand-Alone
D Designed to Be interchangeable With
National Semiconductor and Signetics
ADC0803 and ADC0805
description
The ADC0803 and ADC0805 are CMOS 8-bit, successive-approximation, analog-to-digital converters that use
a modified potentiometric (256R) ladder. These devices are designed to operate from common microprocessor
control buses with the 3-state output latches driving the data bus. The devices can be made to appear to the
microprocessor as a memory location or an I/O port. Detailed information on interfacing to most popular
microprocessors is readily available from the factory.
A differential analog voltage input allows increased common-mode rejection and offset of the zero-input analog
voltage value. Although a reference input (REF/2) is available to allow 8-bit conversion over smaller analog
voltage spans or to make use of an external reference, ratiometric conversion is possible with the REF/2 input
open. Without an external reference, the conversion takes place over a span from VCC to ANLG GND. The
devices can operate with an external clock signal or with an additional resistor and capacitor, using an on-chip
clock generator.
The ADC0803C and ADC0805C are characterized for operation from 0
°C to 70°C. The ADC0803I and
ADC0805I are characterized for operation from – 40
°C to 85°C.
Copyright
© 1986, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
CS
RD
WR
CLK IN
INTR
IN +
IN –
ANLG GND
REF/2
DGTL GND
VCC (OR REF)
CLK OUT
DB0 (LSB)
DB1
DB2
DB3
DB4
DB5
DB6
DB7 (MSB)
N PACKAGE
(TOP VIEW)
DATA
OUTPUTS


Similar Part No. - ADC0803

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC0803 NSC-ADC0803 Datasheet
1Mb / 41P
8-Bit uP Compatible A/D Converters
logo
NXP Semiconductors
ADC0803 PHILIPS-ADC0803 Datasheet
187Kb / 18P
CMOS 8-bit A/D converters
2002 Oct 17
logo
Intersil Corporation
ADC0803 INTERSIL-ADC0803 Datasheet
250Kb / 16P
8-Bit, Microprocessor- Compatible, A/D Converters
August 1997
ADC0803 INTERSIL-ADC0803 Datasheet
580Kb / 17P
8-Bit, Microprocessor-Compatible, A/D Converters
August 2002
logo
NXP Semiconductors
ADC0803 PHILIPS-ADC0803 Datasheet
154Kb / 18P
CMOS 8-bit A/D converters
2002 Oct 17
More results

Similar Description - ADC0803

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8712 PHILIPS-TDA8712 Datasheet
101Kb / 24P
8-bit digital-to-analog converters
June 1994
logo
Texas Instruments
TLC540I TI-TLC540I Datasheet
164Kb / 11P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC542C TI-TLC542C Datasheet
169Kb / 11P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC545C TI-TLC545C Datasheet
184Kb / 13P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 19 INPUTS
logo
National Semiconductor ...
DAC800 NSC-DAC800 Datasheet
295Kb / 2P
8 BIT DIGITAL TO ANALOG CONVERTERS
DAC0800 NSC-DAC0800_51 Datasheet
637Kb / 9P
8-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
TLC542 TI1-TLC542 Datasheet
178Kb / 12P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC540I TI1-TLC540I_14 Datasheet
844Kb / 19P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC542C TI1-TLC542C_14 Datasheet
176Kb / 13P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC545C TI1-TLC545C_13 Datasheet
197Kb / 15P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 19 INPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com