Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TSH300ID Datasheet(PDF) 11 Page - STMicroelectronics

Part # TSH300ID
Description  Ultra Low-Noise High-Speed Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH300ID Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TSH300ID Datasheet HTML 7Page - STMicroelectronics TSH300ID Datasheet HTML 8Page - STMicroelectronics TSH300ID Datasheet HTML 9Page - STMicroelectronics TSH300ID Datasheet HTML 10Page - STMicroelectronics TSH300ID Datasheet HTML 11Page - STMicroelectronics TSH300ID Datasheet HTML 12Page - STMicroelectronics TSH300ID Datasheet HTML 13Page - STMicroelectronics TSH300ID Datasheet HTML 14Page - STMicroelectronics TSH300ID Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Electrical Characteristics
TSH300
11/18
Figure 37.
CMR vs. temperature
Figure 38. Bandwidth vs. temperature
Figure 39. Slew-rate vs. temperature
Figure 40. Isink
Figure 41. SVR vs. temperature
Figure 42. Isource
-40
-20
0
20
40
60
80
100
120
80
82
84
86
88
90
92
94
96
98
100
Vcc=+5V
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
20
25
30
35
40
45
50
55
60
65
70
Vcc=+5V
Gain=+20
Load=100
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
180
200
220
240
260
280
SR-
SR+
Vcc=+5V
Gain=+20
Load=100
Temperature (°C)
-2,0
-1,5
-1,0
-0,5
0,0
0
10
20
30
40
50
60
70
80
90
+
_
RG
+2.5V
-2.5V
VOL
without load
V
Isink
Amplifier in open
loop without load
-1V
+
_
RG
+2.5V
-2.5V
VOL
without load
V
Isink
Amplifier in open
loop without load
-1V
Vout (V)
-40
-20
0
20
40
60
80
100
120
50
55
60
65
70
75
80
85
90
Vcc=+5V
Temperature (°C)
0,0
0,5
1,0
1,5
2,0
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
+
_
RG
+2.5V
-2.5V
VOH
without load
V
Isource
Amplifier in open
loop without load
+1V
+
_
RG
+2.5V
-2.5V
VOH
without load
V
Isource
Amplifier in open
loop without load
+1V
Vout (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com