Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TSH300ID Datasheet(PDF) 15 Page - STMicroelectronics

Part # TSH300ID
Description  Ultra Low-Noise High-Speed Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH300ID Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TSH300ID Datasheet HTML 10Page - STMicroelectronics TSH300ID Datasheet HTML 11Page - STMicroelectronics TSH300ID Datasheet HTML 12Page - STMicroelectronics TSH300ID Datasheet HTML 13Page - STMicroelectronics TSH300ID Datasheet HTML 14Page - STMicroelectronics TSH300ID Datasheet HTML 15Page - STMicroelectronics TSH300ID Datasheet HTML 16Page - STMicroelectronics TSH300ID Datasheet HTML 17Page - STMicroelectronics TSH300ID Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Noise Measurements
TSH300
15/18
The input noise of the instrumentation must be extracted from the measured noise value. The
real output noise value of the driver is:
The input noise is called the Equivalent Input Noise as it is not directly measured but is
evaluated from the measurement of the output divided by the closed loop gain (eNo/g).
After simplification of the fourth and the fifth term of Equation 2 we obtain:
Measurement of the input voltage noise
eN
If we assume a short-circuit on the non-inverting input (R3=0), from Equation 4 we can derive:
In order to easily extract the value of eN, the resistance R2 will be chosen to be as low as
possible. In the other hand, the gain must be large enough:
R3=0, gain: g=100
Measurement of the negative input current noise
iNn
To measure the negative input current noise iNn, we set R3=0 and use Equation 5. This time
the gain must be lower in order to decrease the thermal noise contribution:
R3=0, gain: g=10
Measurement of the positive input current noise
iNp
To extract iNp from Equation 3, a resistance R3 is connected to the non-inverting input. The
value of R3 must be chosen in order to keep its thermal noise contribution as low as possible
against the iNp contribution:
R3=100
Ω, gain: g=10
eNo
Measured
()
2
instrumentation
()
2
(Equation 3)
=
eNo
2
eN
2
g
2
iNn
2
R2
2
iNp
2
+
×
+
×
R3
2
×
g
2
×
g4kTR2
g
2
4kTR3
×
+
×
(Equation 4)
+
=
eNo
eN
2
g
2
iNn
2
R2
2
g4kTR2
×
+
×
+
×
(Equation 5)
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com