Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TSH300ID Datasheet(PDF) 14 Page - STMicroelectronics

Part # TSH300ID
Description  Ultra Low-Noise High-Speed Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH300ID Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TSH300ID Datasheet HTML 10Page - STMicroelectronics TSH300ID Datasheet HTML 11Page - STMicroelectronics TSH300ID Datasheet HTML 12Page - STMicroelectronics TSH300ID Datasheet HTML 13Page - STMicroelectronics TSH300ID Datasheet HTML 14Page - STMicroelectronics TSH300ID Datasheet HTML 15Page - STMicroelectronics TSH300ID Datasheet HTML 16Page - STMicroelectronics TSH300ID Datasheet HTML 17Page - STMicroelectronics TSH300ID Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Noise Measurements
TSH300
14/18
5
Noise Measurements
The noise model is shown in
Figure 45, where:
eN: input voltage noise of the amplifier
iNn: negative input current noise of the amplifier
iNp: positive input current noise of the amplifier
The thermal noise of a resistance R is:
where
∆F is the specified bandwidth.
On a 1Hz bandwidth the thermal noise is reduced to
where k is the Boltzmann's constant, equal to 1,374.10-23J/°K. T is the temperature (°K).
The output noise eNo is calculated using the Superposition Theorem. However eNo is not the
simple sum of all noise sources, but rather the square root of the sum of the square of each
noise source, as shown in Equation 1:
Figure 45. Noise model
+
_
R3
R1
output
R2
iN-
iN+
HP3577
Input noise:
8nV/
√Hz
N1
N2
N3
eN
+
_
R3
R1
output
R2
iN-
iN+
HP3577
Input noise:
8nV/
√Hz
N1
N2
N3
eN
4kTR
F
4kTR
eNo
V1
2
V2
2
V3
2
V4
2
V5
2
V6
2
++
+++
(Equation 1)
=
eNo
2
eN
2
g
2
iNn
2
R2
2
iNp
2
+
×
+
×
R3
2
×
g
2
×
R2
R1
--------
()
2
4kTR1
4kTR2
g
2
4kTR3
(Equation 2)
×
++
×
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com