Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

3G3EV-AB015M-CE Datasheet(PDF) 21 Page - Omron Electronics LLC

Part # 3G3EV-AB015M-CE
Description  Compact Low-noise Inverter
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G3EV-AB015M-CE Datasheet(HTML) 21 Page - Omron Electronics LLC

Back Button 3G3EV-AB015M-CE Datasheet HTML 17Page - Omron Electronics LLC 3G3EV-AB015M-CE Datasheet HTML 18Page - Omron Electronics LLC 3G3EV-AB015M-CE Datasheet HTML 19Page - Omron Electronics LLC 3G3EV-AB015M-CE Datasheet HTML 20Page - Omron Electronics LLC 3G3EV-AB015M-CE Datasheet HTML 21Page - Omron Electronics LLC 3G3EV-AB015M-CE Datasheet HTML 22Page - Omron Electronics LLC 3G3EV-AB015M-CE Datasheet HTML 23Page - Omron Electronics LLC 3G3EV-AB015M-CE Datasheet HTML 24Page - Omron Electronics LLC 3G3EV-AB015M-CE Datasheet HTML 25Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 89 page
background image
3-8
H Main Circuit Terminals
D Input Terminals (Top Section)
Terminal
symbol
Name and description
R (L1)
Power input terminals
A2
j: Three-phase 200 to 230 VAC, 50/60 Hz
S (L2/N)
A2
j: Three hase 200 to 230 VAC, 50/60 Hz
AB
j: Single-phase 200 to 240 VAC, 50/60 Hz
Three-phase 200 to 230 VAC, 50/60 Hz
A4
j Th
h
380
460 VAC
0/60 H
T (L3)
,
A4
j: Three-phase 380 to 460 VAC, 50/60 Hz
Note: Single-phase power must be input between terminals R to S.
B1
Braking resistor connection terminals (see note)
B2
g(
)
Terminals for connecting an optional braking resistor
Note Before shipping, a resin plate is attached to each braking resistor connection ter-
minal to prevent incorrect wiring.
When connecting a braking resistor, always remove the resin plates with a pair of
long-nose pliers.
D Output Terminals (Bottom Section)
Terminal
symbol
Name and description
U
V
W
Motor output terminals
Three-phase power output terminals for operating the motor. (Never connect
an AC power supply to these terminals.)
A2
j, ABj: Three-phase 200 to 230 VAC
A4
j:
Three-phase 380 to 460 VAC
Note: Depending on input voltage
Ground terminal
Always use a ground terminal with one of the following ground resistances:
100
Ω or less for 200-VAC class
10
Ω or less for 400-VAC class.
(Connect also to the power supply neutral to conform to the EC Directives.)
Be sure to connect a grounding line to the FG terminal and also connect
directly to the FG terminal of the motor.
6.2 mm max.
Terminal block screw (M3.5)
Crimp
terminal
Design
Chapter 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com