Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

3G3EV-AB015M-CE Datasheet(PDF) 52 Page - Omron Electronics LLC

Part # 3G3EV-AB015M-CE
Description  Compact Low-noise Inverter
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G3EV-AB015M-CE Datasheet(HTML) 52 Page - Omron Electronics LLC

Back Button 3G3EV-AB015M-CE Datasheet HTML 48Page - Omron Electronics LLC 3G3EV-AB015M-CE Datasheet HTML 49Page - Omron Electronics LLC 3G3EV-AB015M-CE Datasheet HTML 50Page - Omron Electronics LLC 3G3EV-AB015M-CE Datasheet HTML 51Page - Omron Electronics LLC 3G3EV-AB015M-CE Datasheet HTML 52Page - Omron Electronics LLC 3G3EV-AB015M-CE Datasheet HTML 53Page - Omron Electronics LLC 3G3EV-AB015M-CE Datasheet HTML 54Page - Omron Electronics LLC 3G3EV-AB015M-CE Datasheet HTML 55Page - Omron Electronics LLC 3G3EV-AB015M-CE Datasheet HTML 56Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 89 page
background image
4-20
n36
Operation after Recovery from Power Interruption
Setting range
0, 1, 2
Factory setting 0
This constant is used to select the processing to be performed after recovery from an
instantaneous power interruption.
Value
Description
0
Discontinues operation.
1
Continues operation only if power interruption is within 0.5 second.
2
Continues operation unconditionally (with no error output).
Note If “1” or “2” is selected to continue operation, the Inverter automatically searches
the motor speed (even when the motor is in a free-running state) and continues
smooth operation. This function is called the speed search function.
Explanation of Speed Search Function
Motor speed
Free-running state
Inverter starts operating
Time
n37
Carrier Frequency
Setting range
1, 2, 3, 4
(see note 1)
Factory setting 4 (10 kHz)
(see note 2)
This constant is used to set a pulse-width-modulated (PWM) carrier frequency.
Value
Carrier frequency
1
2.5 (kHz)
2
5 (kHz)
3
7.5 (kHz)
4
10 (kHz)
5
12.5 (kHz)
Note As the cable between the Inverter and the motor becomes longer, a high-frequen-
cy leakage current from the cable increases, causing the Inverter output current
to increase as well. This may also affect peripheral devices. To prevent this, ad-
just the carrier frequency according to the following standards:
S Cable length of 50 meters or less: 10 kHz or less
S Cable length of 50 to 100 meters: 5 kHz or less
Note 1. The setting range for the 400-VAC class is “1 to 5.”
Preparing for Operation
Chapter 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com