Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

3G3EV-AB015M-CE Datasheet(PDF) 39 Page - Omron Electronics LLC

Part # 3G3EV-AB015M-CE
Description  Compact Low-noise Inverter
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3G3EV-AB015M-CE Datasheet(HTML) 39 Page - Omron Electronics LLC

Back Button 3G3EV-AB015M-CE Datasheet HTML 35Page - Omron Electronics LLC 3G3EV-AB015M-CE Datasheet HTML 36Page - Omron Electronics LLC 3G3EV-AB015M-CE Datasheet HTML 37Page - Omron Electronics LLC 3G3EV-AB015M-CE Datasheet HTML 38Page - Omron Electronics LLC 3G3EV-AB015M-CE Datasheet HTML 39Page - Omron Electronics LLC 3G3EV-AB015M-CE Datasheet HTML 40Page - Omron Electronics LLC 3G3EV-AB015M-CE Datasheet HTML 41Page - Omron Electronics LLC 3G3EV-AB015M-CE Datasheet HTML 42Page - Omron Electronics LLC 3G3EV-AB015M-CE Datasheet HTML 43Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 89 page
background image
4-7
H Monitor Display
The 3G3EV allows the user to monitor the reference frequency, output fre-
quency, output current, and the direction of rotation.
D Operation Method
Key
operation
Indicator
Example of
data display
Description
60.0 Press the Mode Key until the FREF indicator
lights up. The reference frequency (Hz) is
displayed.
60.0 Press the Mode Key. The output frequency (Hz) is
displayed.
0.2 Press the Mode Key. The output current value
(effective current: A) is displayed.
Note 1. The direction of rotation can be always monitored during operation. The indica-
tors in the lower two rows of the display section flash indicating the direction of
rotation. The indicator flashing speed varies according to the speed of rotation.
Indicator flashing sequence
during forward rotation
The indicators flash
counterclockwise when the motor
rotates in the forward direction.
Note 2. The constant item indicators section has the F/R indicator, but this indicator is
used to indicate a command when the Inverter is operated with the Digital Oper-
ator.
Preparing for Operation
Chapter 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com