Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LS1020A Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # LS1020A
Description  TWR-LS1021A Reference Manual
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LS1020A Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button LS1020A Datasheet HTML 18Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 19Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 20Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 21Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 22Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 23Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 24Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 25Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 71 page
background image
Architecture
TWR-LS1021A Reference Manual, Rev. 0
Freescale Semiconductor
2-7
pin-sampled configuration driver logic to insure hardware-spec compliance; Refer Section
“(Re)Configuration” for further details.
2.5
Device configuration
The processor uses hardware-sampled pins to configure various portions of the device. The remainder are
configured from data in the Reset Configuration Word (RCW).
TWR-LS1021A configuration pins are described in Table 2-3.
2.6
Clocks
The clocks section specify various clocks:
SYSCLK(single-ended and differential)
DDRCLK (single-ended)
SERDES clocks (2 independent options)
Ethernet clocks
USB clock
The architecture of the clock section is shown in in Figure 2-6.
Table 2-3. Configuration options
Configuration
Signal
Nets Sampled
Switch
Preset
CPLD Register
Description
cfg_rcw_src[0:8]
IFC_AD[8:15],
IFC_CLE
SW2[1:4]
0x05:
cfg_rcw_src1[0:7]
0x06:
cfg_rcw_src2[0]
Specifies RCW fetch location by
SW2[1:4] decode.
cfg_dram_type
IFC_A[21]
n/a
n/a
Specifies DDR3L or DDR4.
Affects GVDD power supply.
cfg_ifc_te
IFC_TE
n/a
n/a
IFC TE signal enable; not normally
used.
cfg_gpinput[0:7]
IFC_AD[0:7]
n/a
n/a
Application defined.
cfg_eng_use0
IFC_WE0_B
n/a
n/a
Differential or single ended clock
selection.
cfg_eng_use1
IFC_OE_B
n/a
n/a
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com