Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LS1020A Datasheet(PDF) 61 Page - Freescale Semiconductor, Inc

Part # LS1020A
Description  TWR-LS1021A Reference Manual
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LS1020A Datasheet(HTML) 61 Page - Freescale Semiconductor, Inc

Back Button LS1020A Datasheet HTML 57Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 58Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 59Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 60Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 61Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 62Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 63Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 64Page - Freescale Semiconductor, Inc LS1020A Datasheet HTML 65Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 71 page
background image
CPLD System Controller Architecture
TWR-LS1021A Reference Manual, Rev. 0
4-4
Freescale Semiconductor
0x05
R/W
cfg_rcw_src1
0x06
R/W
cfg_rcw_src2
0x07
R/W
vbank
0x08
R/W
gpio
0x09
R/W
i2c3_ifc_mux
0x0A
R/W
mux_spi2
0x0B
R/W
can3_usb2_mux
0x0C
R/W
qe_lcd_mux
0x0D
R/W
serdes_mux
0x0E
R/W
global_rst
0x0F
R/W
elec_cs
0x10
R
lvdd_vsel
0x11
R/W
soft_mux_on2
0x12
R/W
nor_qspi_mux
Table 4-3. CPLD BCSR register detail map
Base Address
Offset
Access
Type
Description
Register Name
Default Value
0x00
R
Bit [3:0]: CPLD Major Revision Register
Bit [7:4]: Reserved
cpld_ver
0x02
0x01
R
Bit [3:0]: CPLD Minor Revision Register
Bit [7:4]: Reserved
cpld_ver_sub
0x00
0x02
R
Bit [3:0]: PCBA Revision Register
Bit [7:4]: Reserved
pcba_ver
0x03
0x03
R/W
Writing this register to reset system with
reserving CPLD
registers value and overriding physical
switches on the board
Bit [0]: 0 system running(Default)
1 system reset
Bit [7:1]: Reserved
system_rst
0x00
Table 4-2. CPLD BCSR register block map
Base Address
Offset
Access
Type
Register Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com