Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CM3512 Datasheet(PDF) 5 Page - California Micro Devices Corp

Part # CM3512
Description  Dual USB Overcurrent 1.2A Switches with Independent Controls
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM3512 Datasheet(HTML) 5 Page - California Micro Devices Corp

  CM3512 Datasheet HTML 1Page - California Micro Devices Corp CM3512 Datasheet HTML 2Page - California Micro Devices Corp CM3512 Datasheet HTML 3Page - California Micro Devices Corp CM3512 Datasheet HTML 4Page - California Micro Devices Corp CM3512 Datasheet HTML 5Page - California Micro Devices Corp CM3512 Datasheet HTML 6Page - California Micro Devices Corp CM3512 Datasheet HTML 7Page - California Micro Devices Corp CM3512 Datasheet HTML 8Page - California Micro Devices Corp CM3512 Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CALIFORNIA MICRO DEVICES
Preliminary
CM3512
© 2003 California Micro Devices Corp. All rights reserved
11/10/03
430 N. McCarthy Blvd, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
5
Typical Operating Characteristics
On-resistance
100
110
120
130
140
150
160
170
180
190
-40
-20
0
20
40
60
80
100
120
140
Temperature ['C]
Vcc=5.5V
Vcc=5.0V
Vcc=4.5V
Vcc=4.0V
VOUT-IOUT characteristic (EN#=0V)
0
1
2
3
4
5
6
0
0.5
1
1.5
2
2.5
3
3.5
IOUT [A]
V
OUT
[V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com