Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CM3512 Datasheet(PDF) 7 Page - California Micro Devices Corp

Part # CM3512
Description  Dual USB Overcurrent 1.2A Switches with Independent Controls
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM3512 Datasheet(HTML) 7 Page - California Micro Devices Corp

Back Button CM3512 Datasheet HTML 3Page - California Micro Devices Corp CM3512 Datasheet HTML 4Page - California Micro Devices Corp CM3512 Datasheet HTML 5Page - California Micro Devices Corp CM3512 Datasheet HTML 6Page - California Micro Devices Corp CM3512 Datasheet HTML 7Page - California Micro Devices Corp CM3512 Datasheet HTML 8Page - California Micro Devices Corp CM3512 Datasheet HTML 9Page - California Micro Devices Corp CM3512 Datasheet HTML 10Page - California Micro Devices Corp CM3512 Datasheet HTML 11Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
CALIFORNIA MICRO DEVICES
Preliminary
CM3512
© 2003 California Micro Devices Corp. All rights reserved
11/10/03
430 N. McCarthy Blvd, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
7
Supply current vs . s upply voltage
0
20
40
60
80
100
120
4
4.2
4.4
4.6
4.8
5
5.2
5.4
5.6
VCC [V]
Supply curre nt [EN#=0V]
0
20
40
60
80
100
120
140
-40
-20
0
2040
6080
100
120
Temperature ['C]
Vcc=5.0V
Vcc=4.0V
Supply current [EN#=logic'1']
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-40
-20
0
20
40
60
80
100
120
Tem perature ['C]
Vcc=5.0V
Vcc=4.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com