Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CM3512 Datasheet(PDF) 2 Page - California Micro Devices Corp

Part # CM3512
Description  Dual USB Overcurrent 1.2A Switches with Independent Controls
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM3512 Datasheet(HTML) 2 Page - California Micro Devices Corp

  CM3512 Datasheet HTML 1Page - California Micro Devices Corp CM3512 Datasheet HTML 2Page - California Micro Devices Corp CM3512 Datasheet HTML 3Page - California Micro Devices Corp CM3512 Datasheet HTML 4Page - California Micro Devices Corp CM3512 Datasheet HTML 5Page - California Micro Devices Corp CM3512 Datasheet HTML 6Page - California Micro Devices Corp CM3512 Datasheet HTML 7Page - California Micro Devices Corp CM3512 Datasheet HTML 8Page - California Micro Devices Corp CM3512 Datasheet HTML 9Page - California Micro Devices Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CALIFORNIA MICRO DEVICES
Preliminary
CM3512
© 2003 California Micro Devices Corp. All rights reserved
11/10/03
430 N. McCarthy Blvd, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
2
Absolute Maximum Ratings
Parameter
Rating
Unit
ESD Protection (All pins, HBM)
± 2000
V
VCC Input Voltage
+ 5.6, Gnd - 0.5
V
Storage Temperature Range
Operating Ambient
Operating Junction
-55 to +150
-40 to +85
-40 to +150*
°C
Output Current Loading
Internally limited
A
Package Power Dissipation
0.5
W
*Internally limited
Operating Conditions (unless specified otherwise)
Parameter
Range
Unit
VCC Input Voltage
4.5 to 5.5
V
Ambient Temperature
-40 to +85
°C
ILOAD per portB
0 to 1200 00
mA
Electrical Operating Characteristics (over operating conditions unless specified otherwise)
Symbol
Parameter
Conditions
MIN
TYP
MAX
UNIT
UVLO
VCC voltage under which circuit
locks out - will not operate
2.2
2.5
V
RSW
Switch ON-Resistance
ILOAD = 0 to 1200mA; VCC = 5V,
T= 25
°C
0.13
0.2
VOUT1,
VOUT2
Output Voltage
ILOAD = 1000mA, VCC = 5.0V,
EN# = 0V, T = 25
°C
4.8
V
ILIM
Over-current limit
VCC = 5V, T = 25
°C
1200
mA
tFBD
Time delay from overcurrent
detection to OC# output
indication (fault blanking delay)
10
20
ms
TMAX
Temperature at which hot switch
turns off during overcurrent
150
°C
TMIN
Temperature at which cool
switch turns on, after cooling
from TMAX
125
°C
IR CC
Reverse leakage from outputs
to input
VCC = 0V, VOUT1,2 = 5V,
EN# =high, T=25
°C
1
µA
ICC
Operating supply current
EN# = low
95
µA
ICCQ
Quiescent current
EN# = high
1
µA
VIH-EN
EN# input Logic-1 threshold
VCC = 5V
2
V
VIL-EN
EN# input Logic-0 threshold
VCC = 5V
0.8
V
IOHZ-OC
OC# output OFF state leakage
VCC = 5V, VOUT = 5V
1.0
uA
VOL-OC
OC# output Logic-0 threshold
IOC = 1mA to VCC
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com