Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ATS616LSG Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # ATS616LSG
Description  Dynamic Self-Calibrating Peak-Detecting Differential Hall Effect Gear Tooth Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS616LSG Datasheet(HTML) 5 Page - Allegro MicroSystems

  ATS616LSG Datasheet HTML 1Page - Allegro MicroSystems ATS616LSG Datasheet HTML 2Page - Allegro MicroSystems ATS616LSG Datasheet HTML 3Page - Allegro MicroSystems ATS616LSG Datasheet HTML 4Page - Allegro MicroSystems ATS616LSG Datasheet HTML 5Page - Allegro MicroSystems ATS616LSG Datasheet HTML 6Page - Allegro MicroSystems ATS616LSG Datasheet HTML 7Page - Allegro MicroSystems ATS616LSG Datasheet HTML 8Page - Allegro MicroSystems ATS616LSG Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
ATS616LSG-DS, Rev. 1
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Dynamic Self-Calibrating Peak-Detecting Differential Hall Effect Gear Tooth Sensor
ATS616LSG
Characteristic Data
Continued on the next page.
VCC (V)
Supply Current (Off) versus Supply Voltage
TA (°C)
TA (°C)
Supply Current (Off) versus Ambient Temperature
Output Voltage (On) versus Ambient Temperature
ISINK(mA)
20
VOUT (V)
10
Supply Current (On) versus Ambient Temperature
Output Leakage Current versus Ambient Temperature
25
85
150
–40
VCC (V)
Supply Current (On) versus Supply Voltage
VCC (V)
3.5
5.0
12
24
TA (°C)
TA (°C)
TA (°C)
VCC (V)
TA (°C)
25
85
150
–40
VCC (V)
3.5
5.0
12
24
0
1
2
3
4
5
7
6
9
8
0
1
2
3
4
5
7
6
9
8
0
1
2
3
4
5
7
6
9
8
010
20
15
525
30
0
1
2
3
4
5
7
6
9
8
010
20
15
525
30
–50
0
50
100
150
200
0
50
100
150
200
250
300
350
–50
0
50
100
150
200
–50
0
50
100
150
200
–50
0
50
100
150
200
0
0.2
0.4
0.6
0.8
1.0
1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com