Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ATS616LSG Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # ATS616LSG
Description  Dynamic Self-Calibrating Peak-Detecting Differential Hall Effect Gear Tooth Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS616LSG Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button ATS616LSG Datasheet HTML 6Page - Allegro MicroSystems ATS616LSG Datasheet HTML 7Page - Allegro MicroSystems ATS616LSG Datasheet HTML 8Page - Allegro MicroSystems ATS616LSG Datasheet HTML 9Page - Allegro MicroSystems ATS616LSG Datasheet HTML 10Page - Allegro MicroSystems ATS616LSG Datasheet HTML 11Page - Allegro MicroSystems ATS616LSG Datasheet HTML 12Page - Allegro MicroSystems ATS616LSG Datasheet HTML 13Page - Allegro MicroSystems ATS616LSG Datasheet HTML 14Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
ATS616LSG-DS, Rev. 1
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Dynamic Self-Calibrating Peak-Detecting Differential Hall Effect Gear Tooth Sensor
ATS616LSG
AGC circuit sets the gain of the device after power-on. Up to a
0.25 mm air gap change can occur after calibration is complete
without significant performance impact.
Superior Performance.
The ATS616 peak-detecting differential
gear-tooth sensor module has several advantages over conven-
tional Hall-effect gear-tooth sensors. The signal-processing
techniques used in the ATS616 solve the catastrophic issues that
affect the functionality of conventional digital gear-tooth sen-
sors, such as the following:
• Temperature drift. Changes in temperature do not greatly
affect this device due to the stable amplifier design and the
offset rejection circuitry.
• Timing accuracy variation due to air gap. The accuracy varia-
tion caused by air gap changes is minimized by the self-cali-
bration circuitry. A 2×-to-3× improvement can be seen.
• Dual edge detection. Because this device switches based on
the positive and negative peaks of the signal, dual edge detec-
tion is guaranteed.
• Tilted or off-center installation. Traditional differential sensors
can switch incorrectly due to baseline changes versus air gap
caused by tilted or off-center installation. The peak detec-
tor circuitry references the switchpoint from the peak and is
immune to this failure mode. There may be a timing accuracy
shift caused by this condition.
• Large operating air gaps. Large operating air gaps are achiev-
able with this device due to the sensitive switchpoints after
power-on (dependent on target dimensions, material, and
speed).
• Immunity to magnetic overshoot. The patented adjustable
hysteresis circuit makes the ATS616 immune to switching on
magnetic overshoot within the specified air gap range.
• Response to surface defects in the target. The gain-adjust
circuitry reduces the effect of minor gear anomalies that would
normally cause false switching.
• Immunity to vibration and backlash. The gain-adjust circuitry
keeps the hysteresis of the device roughly proportional to the
peak-to-peak signal. This allows the device to have good im-
munity to vibration even when operating at close air gaps.
• Immunity to gear run out. The differential sensor configura-
tion eliminates the baseline variations caused by gear run out.
Differential vs. Single-Element Sensing.
The differential
Hall-effect configuration is superior in most applications to the
classical single-element gear-tooth sensor. The single-element
configuration commonly used (Hall-effect sensor mounted on
the face of a simple permanent magnet) requires the detection
of a small signal (often <100 G) that is superimposed on a large
back-biased field, often 1500 G to 3500 G. For most gear/target
configurations, the back-biased field values change due to
concentration effects, resulting in a varying baseline with air
gap, valley widths, eccentricities, and vibration (figure 4). The
differential configuration (figure 5) cancels the effects of the
back-biased field and avoids many of the issues presented by the
single Hall element design.
Figure 4. Affect of varying valley widths on single-element sensors.
Figure 4. Affect of varying air gaps on differential sensors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com