Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ATS616LSG Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # ATS616LSG
Description  Dynamic Self-Calibrating Peak-Detecting Differential Hall Effect Gear Tooth Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS616LSG Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button ATS616LSG Datasheet HTML 2Page - Allegro MicroSystems ATS616LSG Datasheet HTML 3Page - Allegro MicroSystems ATS616LSG Datasheet HTML 4Page - Allegro MicroSystems ATS616LSG Datasheet HTML 5Page - Allegro MicroSystems ATS616LSG Datasheet HTML 6Page - Allegro MicroSystems ATS616LSG Datasheet HTML 7Page - Allegro MicroSystems ATS616LSG Datasheet HTML 8Page - Allegro MicroSystems ATS616LSG Datasheet HTML 9Page - Allegro MicroSystems ATS616LSG Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
ATS616LSG-DS, Rev. 1
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Dynamic Self-Calibrating Peak-Detecting Differential Hall Effect Gear Tooth Sensor
ATS616LSG
Characteristic Data (continued)
Relative Timing Accuracy versus Air Gap
TA (°C)
–40
0
25
85
125
150
TA (°C)
–40
0
25
85
125
150
TA (°C)
–40
0
25
85
125
150
Signature Tooth Rising Edge
1000 rpm
AG (mm)
AG (mm)
AG (mm)
Relative Timing Accuracy versus Air Gap
Relative Timing Accuracy versus Air Gap
Sequential Tooth Falling Edge
1000 rpm
Signature Tooth Falling Edge
1000 rpm
Relative Timing Accuracy versus Air Gap
Sequential Tooth Rising Edge
1000 rpm
AG (mm)
TA (°C)
–40
0
25
85
125
150
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
0
3.0
2.5
2.0
1.5
1.0
0.5
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
0
3.0
2.5
2.0
1.5
1.0
0.5
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
0
3.0
2.5
2.0
1.5
1.0
0.5
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
0
3.0
2.5
2.0
1.5
1.0
0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com