Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LSM6DSOP Datasheet(PDF) 62 Page - STMicroelectronics

Part # LSM6DSOP
Description  iNEMO inertial module:always-on 3D accelerometer and 3D gyroscope
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSOP Datasheet(HTML) 62 Page - STMicroelectronics

Back Button LSM6DSOP Datasheet HTML 58Page - STMicroelectronics LSM6DSOP Datasheet HTML 59Page - STMicroelectronics LSM6DSOP Datasheet HTML 60Page - STMicroelectronics LSM6DSOP Datasheet HTML 61Page - STMicroelectronics LSM6DSOP Datasheet HTML 62Page - STMicroelectronics LSM6DSOP Datasheet HTML 63Page - STMicroelectronics LSM6DSOP Datasheet HTML 64Page - STMicroelectronics LSM6DSOP Datasheet HTML 65Page - STMicroelectronics LSM6DSOP Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 107 page
background image
Register description
LSM6DSOP
62/107
DocID032926 Rev 5
9.19
CTRL9_XL (18h)
Control register 9 (r/w)
Table 62. CTRL9_XL register description
9.20
CTRL10_C (19h)
Control register 10 (r/w)
Table 64. CTRL10_C register description
Table 61. CTRL9_XL register
1(1)
1. This bit must be set to '1' for the correct operation of the device.
1(1)
1(1)
0(2)
2. This bit must be set to '0' for the correct operation of the device.
0(2)
0(2)
DEVICE_
CONF
0(2)
DEVICE_CONF
Enables the proper device configuration. Default value: 0
It is recommended to always set this bit to 1 during device configuration.
(0: default; 1: enabled)
Table 63. CTRL10_C register
0(1)
1. This bit must be set to '0' for the correct operation of the device.
0(1)
TIMESTAMP
_EN
0(1)
0(1)
0(1)
0(1)
0(1)
TIMESTAMP_EN
Enables timestamp counter. default value: 0
(0: disabled; 1: enabled)
The counter is readable in TIMESTAMP0 (40h), TIMESTAMP1 (41h),
TIMESTAMP2 (42h), and TIMESTAMP3 (43h).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com