Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LSM6DSOP Datasheet(PDF) 74 Page - STMicroelectronics

Part # LSM6DSOP
Description  iNEMO inertial module:always-on 3D accelerometer and 3D gyroscope
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSOP Datasheet(HTML) 74 Page - STMicroelectronics

Back Button LSM6DSOP Datasheet HTML 70Page - STMicroelectronics LSM6DSOP Datasheet HTML 71Page - STMicroelectronics LSM6DSOP Datasheet HTML 72Page - STMicroelectronics LSM6DSOP Datasheet HTML 73Page - STMicroelectronics LSM6DSOP Datasheet HTML 74Page - STMicroelectronics LSM6DSOP Datasheet HTML 75Page - STMicroelectronics LSM6DSOP Datasheet HTML 76Page - STMicroelectronics LSM6DSOP Datasheet HTML 77Page - STMicroelectronics LSM6DSOP Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 107 page
background image
Register description
LSM6DSOP
74/107
DocID032926 Rev 5
9.43
MD1_CFG (5Eh)
Functions routing on INT register (r/w)
Table 118. MD1_CFG register description
Table 117. MD1_CFG register
INT_
SLEEP_
CHANGE
0(1)
1. This bit must be set to '0' for the correct operation of the device.
INT_WU
0(1)
0(1)
INT_6D
INT_EMB_
FUNC
0(1)
INT_SLEEP_
CHANGE(1)
1. Activity/Inactivity interrupt mode (sleep change or sleep status) depends on the
SLEEP_STATUS_ON_INT bit in LIR_CONFIG (56h) register.
Routing of activity/inactivity recognition event on INT. Default: 0
(0: routing of activity/inactivity event on INT disabled;
1: routing of activity/inactivity event on INT enabled)
INT_WU
Routing of wakeup event on INT. Default value: 0
(0: routing of wakeup event on INT disabled;
1: routing of wakeup event on INT enabled)
INT_6D
Routing of 6D event on INT. Default value: 0
(0: routing of 6D event on INT disabled;
1: routing of 6D event on INT enabled)
INT_EMB_FUNC
Routing of embedded functions event on INT. Default value: 0
(0: routing of embedded functions event on INT disabled;
1: routing embedded functions event on INT enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com