Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LSM6DSOP Datasheet(PDF) 81 Page - STMicroelectronics

Part # LSM6DSOP
Description  iNEMO inertial module:always-on 3D accelerometer and 3D gyroscope
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSOP Datasheet(HTML) 81 Page - STMicroelectronics

Back Button LSM6DSOP Datasheet HTML 77Page - STMicroelectronics LSM6DSOP Datasheet HTML 78Page - STMicroelectronics LSM6DSOP Datasheet HTML 79Page - STMicroelectronics LSM6DSOP Datasheet HTML 80Page - STMicroelectronics LSM6DSOP Datasheet HTML 81Page - STMicroelectronics LSM6DSOP Datasheet HTML 82Page - STMicroelectronics LSM6DSOP Datasheet HTML 83Page - STMicroelectronics LSM6DSOP Datasheet HTML 84Page - STMicroelectronics LSM6DSOP Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 107 page
background image
DocID032926 Rev 5
81/107
LSM6DSOP
Embedded functions register description
107
11
Embedded functions register description
11.1
PAGE_SEL (02h)
Enable advanced features dedicated page (r/w)
Table 140. PAGE_SEL register description
11.2
EMB_FUNC_EN_B (05h)
Embedded functions enable register (r/w)
Table 142. EMB_FUNC_EN_B register description
11.3
PAGE_ADDRESS (08h)
Page address register (r/w)
Table 144. PAGE_ADDRESS register description
Table 139. PAGE_SEL register
PAGE_SEL3 PAGE_SEL2 PAGE_SEL1 PAGE_SEL0
0(1)
1. This bit must be set to '0' for the correct operation of the device.
0(1)
0(1)
1(2)
2. This bit must be set to '1' for the correct operation of the device.
PAGE_SEL[3:0]
Select the advanced features dedicated page
Default value: 0000
Table 141. EMB_FUNC_EN_B register
0(1)
1. This bit must be set to '0' for the correct operation of the device.
0(1)
0(1)
0(1)
FIFO_CO
MPR_EN
0(1)
0(1)
FSM_EN
FIFO_COMPR_EN(1)
1. This bit is effective if the FIFO_COMPR_RT_EN bit of FIFO_CTRL2 (08h) is set to 1.
Enable FIFO compression feature. Default value: 0
(0: FIFO compression feature disabled;
1: FIFO compression feature enabled)
FSM_EN
Enable Finite State Machine (FSM) feature. Default value: 0
(0: FSM feature disabled; 1: FSM feature enabled)
Table 143. PAGE_ADDRESS register
PAGE_
ADDR7
PAGE_
ADDR6
PAGE_
ADDR5
PAGE_
ADDR4
PAGE_
ADDR3
PAGE_
ADDR2
PAGE_
ADDR1
PAGE_
ADDR0
PAGE_ADDR[7:0]
After setting the bit PAGE_WRITE / PAGE_READ in register PAGE_RW (17h),
this register is used to set the address of the register to be written/read in the
advanced features page selected through the bits PAGE_SEL[3:0] in register
PAGE_SEL (02h).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com