Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB3450 Datasheet(PDF) 35 Page - SMSC Corporation

Part # USB3450
Description  HI-SPEED USB HOST OR DEVICE PHY WITH UTMIINTERFACE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3450 Datasheet(HTML) 35 Page - SMSC Corporation

Back Button USB3450 Datasheet HTML 31Page - SMSC Corporation USB3450 Datasheet HTML 32Page - SMSC Corporation USB3450 Datasheet HTML 33Page - SMSC Corporation USB3450 Datasheet HTML 34Page - SMSC Corporation USB3450 Datasheet HTML 35Page - SMSC Corporation USB3450 Datasheet HTML 36Page - SMSC Corporation USB3450 Datasheet HTML 37Page - SMSC Corporation USB3450 Datasheet HTML 38Page - SMSC Corporation USB3450 Datasheet HTML 39Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
Hi-Speed USB Host or Device PHY With UTMI+ Interface
Datasheet
SMSC USB3450
35
Revision 0.1 (05-11-05)
DATASHEET
Notes:
T0 may be up to 4ms after HS Reset T0.
The Link must use LINESTATE to detect the downstream port chirp sequence.
Due to the assertion of the HS termination on the host port and FS termination on the device port,
between T1 and T7 the signaling levels on the bus are higher than HS signaling levels and are
less than FS signaling levels.
7.10
HS Detection Handshake – Suspend Timing
If reset is entered from a suspended state, the internal oscillator and clocks of the transceiver are
assumed to be powered down. Figure 7.6 shows how CLKOUT is used to control the duration of the
chirp generated by the device.
When reset is entered from a suspended state (J to SE0 transition reported by LINESTATE),
SUSPENDN is combinatorially negated at time T0 by the Link. It takes approximately 5 milliseconds
for the transceiver's oscillator to stabilize. The device does not generate any transitions of the CLKOUT
signal until it is “usable” (where “usable” is defined as stable to within ±10% of the nominal frequency
and the duty cycle accuracy 50±5%).
The first transition of CLKOUT occurs at T1. The Link then sets OPMODE to Disable Bit Stuffing and
NRZI encoding, XCVRSELECT to HS mode, and must assert a Chirp K for 66000 CLKOUT cycles to
ensure a 1ms minimum duration. If CLKOUT is 10% fast (66MHz) then Chirp K will be 1.0ms. If
CLKOUT is 10% slow (54 MHz) then Chirp K will be 1.2ms. The 5.6ms requirement for the first
CLKOUT transition after SUSPENDN, ensures enough time to assert a 1ms Chirp K and still complete
before T3. Once the Chirp K is completed (T3) the Link can begin looking for host chirps and use
CLKOUT to time the process. At this time, the device follows the same protocol as in Section 7.9, "HS
Detection Handshake – HS Downstream Facing Port" for completion of the High Speed Handshake.
Figure 7.6 HS Detection Handshake Timing Behavior from Suspend
CLK60
Look for host chirps
Device Chirp K
SUSPENDN
DP/DM
TERMSELECT
TXVALID
SE0
J
CLK power up time
XCVRSELECT
OPMODE 1
OPMODE 0
time
T0
T3
T4
T1
T2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com