Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PWD13F60 Datasheet(PDF) 8 Page - STMicroelectronics

Part # PWD13F60
Description  High-density power driver -high voltage full bridge with integrated gate driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PWD13F60 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button PWD13F60 Datasheet HTML 4Page - STMicroelectronics PWD13F60 Datasheet HTML 5Page - STMicroelectronics PWD13F60 Datasheet HTML 6Page - STMicroelectronics PWD13F60 Datasheet HTML 7Page - STMicroelectronics PWD13F60 Datasheet HTML 8Page - STMicroelectronics PWD13F60 Datasheet HTML 9Page - STMicroelectronics PWD13F60 Datasheet HTML 10Page - STMicroelectronics PWD13F60 Datasheet HTML 11Page - STMicroelectronics PWD13F60 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Electrical characteristics
PWD13F60
8/26
DocID030865 Rev 2
4
Electrical characteristics
4.1
Driver
VCCx = 15 V; TJ = 25 °C, unless otherwise specified.
.
Table 5. Driver section electrical characteristics
Symbol
Parameter
Test condition
Min. Typ. Max. Unit
Low supply voltage section
VCC_hys
VCC UV hysteresis
-
0.2
0.4
0.6
V
VCC_thON VCC UV turn ON threshold
-
5.7
6.1
6.5
V
VCC_thOFF VCC UV turn OFF threshold
-
5.3
5.7
6.1
V
Iqccu
Undervoltage quiescent supply current
VCC = 4.5 V
-
140
190
A
Iqcc
Quiescent current
HINx = GND; LINx = 5 V
-
270
350
A
Bootstrapped supply voltage section
IQBO
VBO quiescent current
VBO = 15 V
LINx = GND; HINx = 5 V
-60
97
A
ILK
Bootstrap leakage current
VOUTx = VBOOTx = VS = 600 V;
VCC = LINx = HINx = GND
--
1
A
RBD(on)
Bootstrap driver on-resistance(1)
LIN = 5 V
-
120
-
Logic inputs
Vil
Logic level low threshold voltage
-
0.80
-
1.10
V
Vih
Logic level high threshold voltage
-
1.90
-
2.30
V
Iih
Logic '1' input bias current
LINx = HINx = 15 V
30
40
65
A
Iil
Logic '0' input bias current
LINx = HINx = GND
-
-
1
A
1. RBD(on) is tested in the following way:
RBD(on) = [(VCC - VBOOTa) - (VCC - VBOOTb)] / [Ia - Ib]
Where: Ia is the BOOT pin current when VBOOT = VBOOTa; Ib is the BOOT pin current when VBOOT = VBOOTb.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com