Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PWD13F60 Datasheet(PDF) 20 Page - STMicroelectronics

Part # PWD13F60
Description  High-density power driver -high voltage full bridge with integrated gate driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PWD13F60 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button PWD13F60 Datasheet HTML 16Page - STMicroelectronics PWD13F60 Datasheet HTML 17Page - STMicroelectronics PWD13F60 Datasheet HTML 18Page - STMicroelectronics PWD13F60 Datasheet HTML 19Page - STMicroelectronics PWD13F60 Datasheet HTML 20Page - STMicroelectronics PWD13F60 Datasheet HTML 21Page - STMicroelectronics PWD13F60 Datasheet HTML 22Page - STMicroelectronics PWD13F60 Datasheet HTML 23Page - STMicroelectronics PWD13F60 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Package information
PWD13F60
20/26
DocID030865 Rev 2
Table 10. VFQFPN 10 x 13 x 1.0 mm package mechanical data
Symbol
Dimensions (mm)
Min.
Typ.
Max.
A
0.80
0.85
0.90
A1
0.00
-
0.05
A3
0.20
b
0.15
0.25
0.35
b1
0.20
0.30
0.40
D
9.90
10.00
10.10
E
12.90
13.00
13.10
D1
0.70
D2
2.52
2.62
2.72
D3
3.29
3.39
3.49
D4
0.25
D5
4.12
4.22
4.32
D6
0.58
D7
3.40
3.50
3.60
D8
3.59
3.69
3.79
D9
0.68
E1
0.30
E2
2.50
2.60
2.70
E3
3.47
3.57
3.67
E4
0.25
E5
3.30
3.40
3.50
E6
2.67
2.77
2.87
E7
1.04
1.14
1.24
E8
0.005
-
0.09
L
0.35
0.40
0.45
e
0.65
e1
3.45
aaa
0.10
bbb
0.10
ccc
0.10
ddd
0.05
eee
0.08
N(1)
1. N is the total number of terminals.
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com