Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DBFN Datasheet(PDF) 5 Page - LinkCom Manufacturing Co., Ltd.

Part # DBFN
Description  Power Supply
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Direct Link  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

DBFN Datasheet(HTML) 5 Page - LinkCom Manufacturing Co., Ltd.

  DBFN Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. DBFN Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd. DBFN Datasheet HTML 3Page - LinkCom Manufacturing Co., Ltd. DBFN Datasheet HTML 4Page - LinkCom Manufacturing Co., Ltd. DBFN Datasheet HTML 5Page - LinkCom Manufacturing Co., Ltd. DBFN Datasheet HTML 6Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Power Supply
DBFN Series
Output Current vs. Load (DBFN-050U222)
Efficiency vs. Load (DBFN-050U222)
THD vs. Load (DBFN-050U222)
70%
75%
80%
85%
90%
40%
50%
60%
70%
80%
90%
100%
110%
Load (%)
Efficiency vs. Load
Vin=100
Vin=120
Vin=200
Vin=230
Vin=277
1.600
1.800
2.000
2.200
2.400
40%
50%
60%
70%
80%
90%
100%
110%
Load (%)
Output Current vs. Load
Vin=100
Vin=120
Vin=200
Vin=230
Vin=277
0%
5%
10%
15%
20%
25%
30%
40%
50%
60%
70%
80%
90%
100%
110%
Load (%)
THD vs. Load
Vin=100
Vin=120
Vin=200
Vin=230
Vin=277
Linkcom Manufacturing Co., Ltd.
5F., No. 127, Ln. 235, Baoqiao Rd., Xindian Dist., New Taipei City 231-45, Taiwan ▪ T: +886-2-8919-1380 ▪ F: +886-2-8919-1370 ▪ www.linkcom.com.tw



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com