Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DBFN Datasheet(PDF) 2 Page - LinkCom Manufacturing Co., Ltd.

Part # DBFN
Description  Power Supply
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Direct Link  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

DBFN Datasheet(HTML) 2 Page - LinkCom Manufacturing Co., Ltd.

  DBFN Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. DBFN Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd. DBFN Datasheet HTML 3Page - LinkCom Manufacturing Co., Ltd. DBFN Datasheet HTML 4Page - LinkCom Manufacturing Co., Ltd. DBFN Datasheet HTML 5Page - LinkCom Manufacturing Co., Ltd. DBFN Datasheet HTML 6Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Power Supply
DBFN Series
(1) All parameters not specially mentioned are measured 230VAC input.
(2) All specifications Typical @25℃, unless otherwise noted, at normal line and load.
*Please contact sales@linkcom.com.tw, sales@linkcomusa.com for more information
Harmonic Current Emissions
FCC Part 15 Class B
Conducted and Radiated Emmission
*REFERENCE: www.linkcom.com.tw
Conducted RF Disturbances
Voltage Fluctuations & Flicker
EMS Standards
EMC Compliance and Safety
EMC Compliance
(5) Minimum load is NOT required for proper operation .
UL 8750
(3) Ripple and Noise measured directly at pins/terminals at nom. load, 0.1uF bypass and 47uF electrolytic, pk-pk @20MHz bandwidth.
(4) Specified for free-air convection cooling.
UL
PSE
Comply with PSE
Notes
Electrostatic Discharge (ESD)
RF Electromagnetic Field
Susceptibility
Power Frequency Magnetic Field
Electrical Fast Transient
Surge Immunity
Voltage Dips
Safety
L-N 2KV , L-FG/N-FG 4KV
8 KV air discharge, 4 KV contact discharge
Linkcom Manufacturing Co., Ltd.
5F., No. 127, Ln. 235, Baoqiao Rd., Xindian Dist., New Taipei City 231-45, Taiwan ▪ T: +886-2-8919-1380 ▪ F: +886-2-8919-1370 ▪ www.linkcom.com.tw



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com