Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DBFN Datasheet(PDF) 1 Page - LinkCom Manufacturing Co., Ltd.

Part # DBFN
Description  Power Supply
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Direct Link  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

DBFN Datasheet(HTML) 1 Page - LinkCom Manufacturing Co., Ltd.

  DBFN Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. DBFN Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd. DBFN Datasheet HTML 3Page - LinkCom Manufacturing Co., Ltd. DBFN Datasheet HTML 4Page - LinkCom Manufacturing Co., Ltd. DBFN Datasheet HTML 5Page - LinkCom Manufacturing Co., Ltd. DBFN Datasheet HTML 6Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
● AC Input 100~277VAC
● Built-in Active PFC Function
● Protection: SCP / OVP / OTP
● 24V Auxiliary Output
● 0-10V Dimming Control
● Dimming 1% ~ 100%
● Flicker Free
● High Operating Ambient Temp.: -20℃~+50℃
● Surge protection: L-N 2KV , L-FG/N-FG 4KV
● Safety: UL 8750 / PSE
● EMI: FCC Part 15 Class B / CE
● Comply with Indoor
● Warranty: 7 years (refer to warranty policy)
● RoHS Compliant
100VAC 120VAC 200VAC 277VAC 100VAC 120VAC 200VAC 277VAC
84.0%
84.0%
85.0%
85.0%
0.98
0.98
0.94
0.92
84.0%
84.0%
85.0%
85.0%
0.98
0.98
0.94
0.92
85.0%
85.0%
87.0%
87.0%
0.98
0.98
0.94
0.92
85.0%
85.0%
87.0%
87.0%
0.98
0.98
0.94
0.92
85.0%
85.0%
87.0%
87.0%
0.98
0.98
0.94
0.92
85.0%
85.0%
87.0%
87.0%
0.98
0.98
0.94
0.92
84.0%
84.0%
85.0%
85.0%
0.99
0.98
0.94
0.92
85.0%
85.0%
87.0%
87.0%
0.99
0.98
0.94
0.92
85.0%
85.0%
87.0%
87.0%
0.99
0.98
0.94
0.92
Units
Vac
Hz
A
A
mA
%
Units
%
%
%
V
s
V
A
Units
Units
%RH
%RH
g
24
± 5% Tolerance (Available for customization)
Auxiliary Output Source Current
0
0.1
DBFN-050U222
52.8
12-24
2.2
±5%
Storage Temperature
Input Specifications
-20
Non-condensing
Storage Humidity
10
Life Time
Measured at 277Vac, 60,000 hours at Ta 50°C for DBFN-050U222.
Dimensions(L*W*H)
370 * 31.2 * 27.2 mm
14.5 * 1.23 * 1.07 inch
Max.
Conditions/Description
Typ.
80
±3
Weight
Auxiliary Output Voltage
Power Factor (Typ.)
Typ.
Output Specifications
Min.
Typ.
±3
24-48
24-56
380
95
Non-condensing
Operating Temperature (Ta)
-20
50
Non-condensing
Operating Case Temperature (Tc)
75
Case temperature measured at the case hot spot
Operating Humidity
10
Over Temp Protection (Tc)
will restart automatically after the fault condition is removed
Environmental Conditions
Min.
Max.
Conditions/Description
Short Circuit Protection
will restart automatically after the fault condition is removed
Over Voltage Protection
will restart automatically after the fault condition is removed
Turn-on Delay Time
1
*Measured at 100-277VAC and at full load
Protection Functions
Min.
Max.
Conditions/Description
Ripple and Noise (pk-pk)
0.5
20MHz Bandwidth. See note (3)
Ripple Current
<30% of rated output current
*Measured at electronic load LED mode and nominal input voltage
with DC10V dimming.
Load Regulation
Output Current Regulation
10
10
Line Regulation
Typ.
Power Factor (PF)
0.9
100-277VAC,100% load
Total Harmonics Distortion (THD)
15
Inrush Current
65
230VAC in,25℃ Cold start
Leakage Current
0.75
277VAC in
Input Frequency Range
47
63
Input Current
±7%
0.8
100VAC in
54
Max.
Conditions/Description
Min.
15-30
DBFN-050U901
50.4
0.9
±10%
DBFN-050U182
Input Voltage Range
90
305
1.8
±10%
1.4
±7%
DBFN-040U701
39.2
0.7
±7%
28-56
DBFN-040U142
42
DBFN-040U152
36
1.5
DBFN-040U901
43.2
0.9
15-30
DC OUTPUT
POWER
(W)
OUTPUT
CURRENT
(A)
OUTPUT
CURRENT
TOLERANCE
±7%
DBFN-040U182
43.2
1.8
±7%
12-24
EFFICIENCY (Typ.)
DBFN-040U102
36
18-36
1
DC OUTPUT
VOLTAGE
(V)
12-24
MODEL
Non-condensing
±10%
90
Power Supply
DBFN Series
PRODUCT SPECIFICATION
FEATURES:
Linkcom Manufacturing Co., Ltd.
5F., No. 127, Ln. 235, Baoqiao Rd., Xindian Dist., New Taipei City 231-45, Taiwan ▪ T: +886-2-8919-1380 ▪ F: +886-2-8919-1370 ▪ www.linkcom.com.tw


Similar Part No. - DBFN

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
DBFN0040U102-00G LINKCOM-DBFN0040U102-00G Datasheet
516Kb / 3P
0-10V Dimmable
DBFN0040U112-00G LINKCOM-DBFN0040U112-00G Datasheet
516Kb / 3P
0-10V Dimmable
DBFN0040U142-00G LINKCOM-DBFN0040U142-00G Datasheet
516Kb / 3P
0-10V Dimmable
DBFN0040U152-00G LINKCOM-DBFN0040U152-00G Datasheet
516Kb / 3P
0-10V Dimmable
DBFN0040U182-00G LINKCOM-DBFN0040U182-00G Datasheet
516Kb / 3P
0-10V Dimmable
More results

Similar Description - DBFN

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RF-7850A-PS001 HARRIS-RF-7850A-PS001 Datasheet
79Kb / 2P
Power Supply
logo
LinkCom Manufacturing C...
45-LCCE LINKCOM-45-LCCE Datasheet
532Kb / 4P
Power Supply
75-LCCEA LINKCOM-75-LCCEA Datasheet
493Kb / 5P
Power Supply
80-LCCH LINKCOM-80-LCCH Datasheet
535Kb / 4P
Power Supply
300-LCVH LINKCOM-300-LCVH Datasheet
505Kb / 5P
Power Supply
DTW LINKCOM-DTW Datasheet
491Kb / 5P
Power Supply
HVO LINKCOM-HVO Datasheet
1Mb / 9P
Power Supply
logo
Pepperl+Fuchs Inc.
K26-STR-24VDC-2A PF-K26-STR-24VDC-2A Datasheet
1Mb / 4P
Power supply
FB9205C PF-FB9205C Datasheet
493Kb / 3P
Power supply
FB9215B2 PF-FB9215B2 Datasheet
501Kb / 3P
Power supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com