Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LIS2MDL Datasheet(PDF) 9 Page - STMicroelectronics

Part # LIS2MDL
Description  Digital output magnetic sensor: ultra-low-power, high-performance 3-axis magnetometer
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2MDL Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LIS2MDL Datasheet HTML 5Page - STMicroelectronics LIS2MDL Datasheet HTML 6Page - STMicroelectronics LIS2MDL Datasheet HTML 7Page - STMicroelectronics LIS2MDL Datasheet HTML 8Page - STMicroelectronics LIS2MDL Datasheet HTML 9Page - STMicroelectronics LIS2MDL Datasheet HTML 10Page - STMicroelectronics LIS2MDL Datasheet HTML 11Page - STMicroelectronics LIS2MDL Datasheet HTML 12Page - STMicroelectronics LIS2MDL Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
DocID030621 Rev 5
9/41
LIS2MDL
Module specifications
41
2
Module specifications
2.1
Sensor characteristics
@ Vdd = 2.5 V, T = 25 °C unless otherwise noted(a).
a. The product is factory calibrated at 2.5 V. The operational power supply range is from 1.71 V to 3.6 V.
Table 3. Sensor characteristics
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit
FS
Magnetic dynamic range
±49.152
gauss
So
Sensitivity(2)
-7%
1.5
+7%
mgauss/
LSB
TCSo
Sensitivity change vs.
temperature(3)
±0.03
%/°C
TyOff
Magnetic sensor offset
With offset cancellation(4)(5)
-60
+60
mgauss
TCOff
Magnetic sensor offset
change vs. temp.(4)
With offset cancellation
-0.3
+0.3
mgauss/
°C
RMS
RMS noise(6)
High-resolution mode
3
mgauss
(RMS)
ST
Self-test(7)
15
500
mgauss
Top
Operating temperature
range
-40
+85
°C
1. Typical specifications are not guaranteed.
2. Values after factory calibration test and trimming.
3. Measurements are performed in a uniform temperature setup and they are based on characterization data in a limited
number of samples, not measured during final test for production.
4. Based on characterization data on a limited number of samples, not measured during final test for production.
5. Excluding drift due to magnetic shock.
6. With low-pass filter or offset cancellation enabled.
7. “Self-test” is defined as: OUTPUT[gauss](Self-test enabled) - OUTPUT[gauss](Self-test disabled).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com