Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LIS2MDL Datasheet(PDF) 1 Page - STMicroelectronics

Part # LIS2MDL
Description  Digital output magnetic sensor: ultra-low-power, high-performance 3-axis magnetometer
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2MDL Datasheet(HTML) 1 Page - STMicroelectronics

  LIS2MDL Datasheet HTML 1Page - STMicroelectronics LIS2MDL Datasheet HTML 2Page - STMicroelectronics LIS2MDL Datasheet HTML 3Page - STMicroelectronics LIS2MDL Datasheet HTML 4Page - STMicroelectronics LIS2MDL Datasheet HTML 5Page - STMicroelectronics LIS2MDL Datasheet HTML 6Page - STMicroelectronics LIS2MDL Datasheet HTML 7Page - STMicroelectronics LIS2MDL Datasheet HTML 8Page - STMicroelectronics LIS2MDL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
This is information on a product in full production.
November 2018
DocID030621 Rev 5
1/41
LIS2MDL
Digital output magnetic sensor:
ultra-low-power, high-performance 3-axis magnetometer
Datasheet
- production data
Features
 3 magnetic field channels
 ±50 gauss magnetic dynamic range
 16-bit data output
 SPI/I2C serial interfaces
 Analog supply voltage 1.71 V to 3.6 V
 Selectable power mode/resolution
 Single measurement mode
 Programmable interrupt generator
 Embedded self-test
 Embedded temperature sensor
 ECOPACK®, RoHS and “Green” compliant
Applications
 Tilt-compensated compasses
 Map rotation
 Intelligent power saving for handheld devices
 Gaming and virtual reality input devices
Description
The LIS2MDL is an ultra-low-power, high-
performance 3-axis digital magnetic sensor.
The LIS2MDL has a magnetic field dynamic
range of ±50 gauss.
The LIS2MDL includes an I2C serial bus interface
that supports standard, fast mode, fast mode
plus, and high-speed (100 kHz, 400 kHz,
1 MHz, and 3.4 MHz) and an SPI serial standard
interface.
The device can be configured to generate an
interrupt signal for magnetic field detection.
The LIS2MDL is available in a plastic land grid
array package (LGA) and is guaranteed to
operate over an extended temperature range
from -40 °C to +85 °C.
Table 1. Device summary
Part number
Temp.
range [°C]
Package Packaging
LIS2MDL
-40 to +85
LGA-12
Tray
LIS2MDLTR
-40 to +85
LGA-12
Tape and
reel
www.st.com


Similar Part No. - LIS2MDL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS2MDL STMICROELECTRONICS-LIS2MDL Datasheet
1Mb / 6P
Flight controller unit evaluation board for toy drones
Rev 2 - January 2019
LIS2MDL STMICROELECTRONICS-LIS2MDL Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
More results

Similar Description - LIS2MDL

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MAG3110 FREESCALE-MAG3110 Datasheet
327Kb / 23P
3-Axis, Digital Magnetometer
logo
STMicroelectronics
AIS3624DQ STMICROELECTRONICS-AIS3624DQ Datasheet
1Mb / 41P
ultra-low-power digital output 3-axis accelerometer
14-Dec-2015
LIS3MDL STMICROELECTRONICS-LIS3MDL Datasheet
1Mb / 33P
Digital output magnetic sensor: ultra-low-power, high-performance 3-axis magnetometer
15-May-2015
LIS2DE12 STMICROELECTRONICS-LIS2DE12 Datasheet
1Mb / 51P
MEMS digital output motion sensor: ultra-low-power high-performance 3-axis
27-Jan-2017
logo
Rohm
BM1422AGMV ROHM-BM1422AGMV Datasheet
2Mb / 29P
3-Axis Digital Magnetometer IC
logo
STMicroelectronics
LIS2DW12 STMICROELECTRONICS-LIS2DW12 Datasheet
1Mb / 66P
MEMS digital output motion sensor: high-performance ultra-low-power 3-axis
Jul-2019
IIS2DLPC STMICROELECTRONICS-IIS2DLPC Datasheet
1Mb / 69P
MEMS digital output motion sensor: high-performance ultra-low-power 3-axis accelerometer for industrial applications
03-May-2019
IIS2MDC STMICROELECTRONICS-IIS2MDC Datasheet
1Mb / 40P
High-accuracy, ultra-low-power, 3-axis digital output magnetometer
September 2017 Rev 1
logo
MEMSIC Semiconductor (T...
MMC5883MA MEMSIC-MMC5883MA Datasheet
441Kb / 15P
짹8Gauss, High Performance, Low Cost 3-axis Magnetic Sensor
Rev.C
logo
STMicroelectronics
LIS2DW STMICROELECTRONICS-LIS2DW Datasheet
1Mb / 63P
MEMS digital output motion sensor: high-performance, ultra-low-power 3-axis
10-Apr-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com