Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ASM1233M Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

Part # ASM1233M
Description  Low Power, 5V/3.0V, uP Reset, Active LOW, Open-Drain Output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM1233M Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

  ASM1233M Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM1233M Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM1233M Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM1233M Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM1233M Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM1233M Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM1233M Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM1233M Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM1233M Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7 of 9
Notice: The information in this document is subject to change without notice
Low Power, 5V/3.0V, µP Reset, Active LOW, Open-Drain Output
ASM1233M
rev 1.0
October 2003
Package Information
Plastic SO-8 (8-Pin)
TO-92 (3-Pin)
Inches
Millimeters
Min
Max
Min
Max
Plastic SO-8 (8-Pin)
A
0.053
0.069
1.35
1.75
A1
0.004
0.010
0.10
0.25
B
0.013
0.020
0.33
0.51
C
0.007
0.010
0.19
0.25
e
0.050
1.27
E
0.150
0.157
3.80
4.00
H
0.228
0.244
5.80
6.20
L
0.016
0.050
0.40
1.27
D
0.189
0.197
4.80
2.00
Inches
Millimeters
Min
Max
Min
Max
Plastic SO-8 (8-Pin)
TO-92* (3-Pin)
A
0.175
0.195
4.45
4.95
B
0.170
0.192
4.32
4.96
C
0.500
0.610
12.70
15.49
D
0.016
0.022
0.406
0.559
E
0.095
0.105
2.41
2.67
F
0.045
0.60
1.14
1.52
G
0.45
0.060
1.14
1.52
H
0.085
0.095
2.16
2.41
I
0.130
0.155
3.30
3.94
J
0.014
0.020
0.35
0.51
K
0.093
0.115
2.36
2.92
L
45°
60°
45°
60°
M
0.118 Typical
3.00
A
B
C
D
E
H
J
K
L
M
I
EH
D
e
B
A
A1
L
C
0° - 8°
F
G
D
Section
A-A
Section
A-A
Bottom View



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com